Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6766A Datasheet (PDF) - PHOENIX CONTACT

6766A Datasheet PDF - PHOENIX CONTACT
Part # 6766A
Download  6766A Download
File Size   185.09 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description INTERBUS Inline Terminal for Connecting a Remote Bus Branch

6766A Datasheet (PDF)

Go To PDF Page Download Datasheet
6766A Datasheet PDF - PHOENIX CONTACT

Part # 6766A
Download  6766A Click to download

File Size   185.09 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description INTERBUS Inline Terminal for Connecting a Remote Bus Branch

6766A Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 6766A

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6766 FILTRAN-6766 Datasheet
154Kb / 1P
ATM Dual Channel Interface Module
logo
Schurter Inc.
6766 SCHURTER-6766 Datasheet
385Kb / 3P
IEC Appliance Inlet C14, with Line Switch 2-pole, Voltage Selector and Fuseholder 1or 2-pole
logo
API Technologies Corp
6766 APITECH-6766 Datasheet
399Kb / 1P
Dual Channel Interface Module
logo
Schurter Inc.
6766 SCHURTER-6766 Datasheet
358Kb / 5P
IEC Appliance Inlet C14, with Line Switch 2-pole, Voltage Selector and Fuseholder 1or 2-pole
logo
Sensata Technologies, I...
6766-19 SENSATA-6766-19 Datasheet
220Kb / 3P
35 TO 150 AMP COMMERCIAL THERMAL CIRCUIT BREAKER
More results


Similar Description - 6766A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700459 PHOENIX-2700459 Datasheet
198Kb / 11P
Inline analog input terminal, 4 inputs for connecting voltage signals
2701151 PHOENIX-2701151 Datasheet
72Kb / 4P
INTERBUS branch terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), with remote bus branch, 24 V DC
2722755 PHOENIX-2722755 Datasheet
48Kb / 2P
Replacement remote bus connector set, for INTERBUS-ST bus terminal block BKM-...
2725037 PHOENIX-2725037 Datasheet
53Kb / 3P
INTERBUS Rugged Line adapter for converting the copper wire remote bus to a fiber optic remote bus
2736903 PHOENIX-2736903 Datasheet
558Kb / 9P
Branch Terminal for Integrating a Fieldline Modular Local Bus in an Inline Station or for Local Bus Extension of an Inline Station
2737009 PHOENIX-2737009 Datasheet
81Kb / 3P
Inline branch terminal for coupling a Fieldline M8 Modular local bus anywhere on the Inline local bus, conversion of Inline local bus physical structure to the Fieldline local bus physical structure
2752932 PHOENIX-2752932 Datasheet
128Kb / 8P
Bus Terminal Module With Remote Bus Branch
2861399 PHOENIX-2861399 Datasheet
202Kb / 16P
INTERBUS Inline Terminal With One Analog Voltage Output
7181 PHOENIX-7181 Datasheet
256Kb / 11P
Inline Branch Terminal for an INTERBUS Remote Bus; Connections Using Fiber Optics
8355 PHOENIX-8355 Datasheet
282Kb / 25P
Inline CAN master, extreme conditions version, for connecting a CAN bus system
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com