Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM603 Datasheet (PDF) - Unisonic Technologies

UM603 Datasheet PDF - Unisonic Technologies
Part # UM603
Download  UM603 Download
File Size   84.37 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER

UM603 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM603 Datasheet PDF - Unisonic Technologies

Part # UM603
Download  UM603 Click to download

File Size   84.37 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER

UM603 Datasheet (HTML) - Unisonic Technologies


UM603 Product details

DESCRIPTION
The UM603 is a monolithic IC that includes one independent op-amp and another op-amp for witch the non inverting input is wired to a 2.5V fixed voltage reference . This device is offering space and cost saving in many applications like power supply management or data acquisition systems

FEATURES
OPERATIONAL AMPLIFIER
* Low input offset voltage: 0.5mV typ.
* Low supply current: 350uA/op.(@ Vcc= 5 V)
* Medium bandwidth(unity gain): 0.9MHz
* Large output voltage swing: 0 V to (Vcc-1.5 V)
* Input common mode voltage range includes ground
* Wide power supply range: 3V to 32V
   ± 1.5 TO ± 16V

VOLTAGE REFERENCE
* Fixed output voltage reference 2.5V
* Sink current capability : 1 to 100mA
* Typical output impedance : 0.2Ω




Similar Part No. - UM603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM603 ETC1-UM603 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
Unisonic Technologies
UM603-A UTC-UM603-A Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM603-P08-R UTC-UM603-P08-R Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
E-Tech Electronics LTD
UM603-P08-R ETL-UM603-P08-R Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM603-S08-R UTC-UM603-S08-R Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
More results


Similar Description - UM603

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UM603-A UTC-UM603-A Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM609 UTC-UM609 Datasheet
130Kb / 5P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
E-Tech Electronics LTD
UM603_A ETL-UM603_A Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM603A UTC-UM603A Datasheet
245Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM609A UTC-UM609A Datasheet
191Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM603A UTC-UM603A_17 Datasheet
170Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM609A UTC-UM609A_17 Datasheet
202Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
First Silicon Co., Ltd
FA103 FS-FA103 Datasheet
364Kb / 5P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com