Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6035 Datasheet (PDF) - ON Semiconductor

2N6035 Datasheet PDF - ON Semiconductor
Part # 2N6035
Download  2N6035 Download
File Size   113.74 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Plastic Darlington Complementary Silicon Power Transistors

2N6035 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6035 Datasheet PDF - ON Semiconductor

Part # 2N6035
Download  2N6035 Click to download

File Size   113.74 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Plastic Darlington Complementary Silicon Power Transistors

2N6035 Datasheet (HTML) - ON Semiconductor


2N6035 Product details

Plastic Darlington complementary silicon power transistors are designed for general purpose amplifier and low−speed switching applications.

Features
• ESD Ratings: Machine Model, C; > 400 V
                         Human Body Model, 3B; > 8000 V
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Pb−Free Packages are Available*




Similar Part No. - 2N6035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N6035 STMICROELECTRONICS-2N6035 Datasheet
174Kb / 4P
MIDIUM POWER DAR;OMGTONS
Jan-1989
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
Savantic, Inc.
2N6035 SAVANTIC-2N6035 Datasheet
104Kb / 3P
Silicon PNP Power Transistors
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
133Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Inchange Semiconductor ...
2N6035 ISC-2N6035 Datasheet
137Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N6035

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Continental Device Indi...
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com