Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13-9159 Datasheet (PDF) - AVX Corporation

13-9159 Datasheet PDF - AVX Corporation
Part # 13-9159
Download  13-9159 Download
File Size   1512.44 Kbytes
Page   6 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Vertical Plug: BTB

13-9159 Datasheet (PDF)

Go To PDF Page Download Datasheet
13-9159 Datasheet PDF - AVX Corporation

Part # 13-9159
Download  13-9159 Click to download

File Size   1512.44 Kbytes
Page   6 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Vertical Plug: BTB

13-9159 Datasheet (HTML) - AVX Corporation




Similar Part No. - 13-9159

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13-000011 CONEC-13-000011 Datasheet
266Kb / 2P
MicroTCA Dual Port 90° 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket, snap, hex bolt
11.06.07
13-000021 CONEC-13-000021 Datasheet
185Kb / 2P
MicroTCA 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket and snap
03.07.07
13-000031 CONEC-13-000031 Datasheet
272Kb / 2P
SMD CONNECTOR 90° Male with threaded insert, metal bracket, fixing plate, snap and hex bolt
11.06.07
13-000041 CONEC-13-000041 Datasheet
184Kb / 2P
SMD CONNECTOR 90° Male with threaded insert, metal bracket, fixing plate and snap
03.07.07
13-000051 CONEC-13-000051 Datasheet
228Kb / 2P
MicroTCA Single Port 90° 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket, snap, hex bolt
12.06.07
More results


Similar Description - 13-9159

ManufacturerPart #DatasheetDescription
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021311 FCI-CONNECTOR-20021311 Datasheet
57Kb / 1P
1.27X1.27MM BTB RECEPTACLE VERTICAL, MT
61083-104402LF FCI-CONNECTOR-61083-104402LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB PLUG ASSY
61083-042400LF FCI-CONNECTOR-61083-042400LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB PLUG ASSY
logo
Wurth Elektronik GmbH &...
695405150122 WURTH-695405150122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH PLUG HORIZONTAL
695404150122 WURTH-695404150122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH PLUG HORIZONTAL
695403150122 WURTH-695403150122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH PLUG HORIZONTAL
695402150122 WURTH-695402150122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH PLUG HORIZONTAL
logo
AVX Corporation
109159002101916 AVX-109159002101916 Datasheet
880Kb / 7P
Horizontal Plug: BTB
10-9159 AVX-10-9159 Datasheet
880Kb / 7P
Horizontal Plug: BTB
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com