Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6286 Datasheet (PDF) - ON Semiconductor

2N6286 Datasheet PDF - ON Semiconductor
Part # 2N6286
Download  2N6286 Download
File Size   87.12 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Darlington Complementary Silicon Power Transistors

2N6286 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6286 Datasheet PDF - ON Semiconductor

Part # 2N6286
Download  2N6286 Click to download

File Size   87.12 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Darlington Complementary Silicon Power Transistors

2N6286 Datasheet (HTML) - ON Semiconductor


2N6286 Product details

Darlington Complementary Silicon Power Transistors

. . . designed for general–purpose amplifier and low–frequency switching applications.

• High DC Current Gain @ IC = 10 Adc —
   hFE = 2400 (Typ) — 2N6282, 2N6283, 2N6284
   hFE = 4000 (Typ) — 2N6285, 2N6286, 2N6287
• Collector–Emitter Sustaining Voltage —
   VCEO(sus) = 60 Vdc (Min) — 2N6282, 2N6285
   VCEO(sus) = 80 Vdc (Min) — 2N6283, 2N6286
   VCEO(sus) = 100 Vdc (Min) — 2N6284, 2N6287
• Monolithic Construction with Built–In Base–Emitter Shunt Resistors




Similar Part No. - 2N6286

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6286 MOSPEC-2N6286 Datasheet
211Kb / 4P
POWER TRANSISTORS(20A,160W)
logo
ON Semiconductor
2N6286 ONSEMI-2N6286 Datasheet
214Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
Boca Semiconductor Corp...
2N6286 BOCA-2N6286 Datasheet
218Kb / 4P
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6286 MICROSEMI-2N6286 Datasheet
58Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6286 CENTRAL-2N6286 Datasheet
51Kb / 1P
POWER TRANSISTORS TO-3 CASE
More results


Similar Description - 2N6286

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com