Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC23V43257D Datasheet (PDF) - OKI electronic componets

MSC23V43257D Datasheet PDF - OKI electronic componets
Part # MSC23V43257D
Download  MSC23V43257D Download
File Size   53.02 Kbytes
Page   10 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC23V43257D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC23V43257D Datasheet PDF - OKI electronic componets

Part # MSC23V43257D
Download  MSC23V43257D Click to download

File Size   53.02 Kbytes
Page   10 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC23V43257D Datasheet (HTML) - OKI electronic componets


MSC23V43257D Product details

DESCRIPTION
The MSC23V43257D-xxBS8 is a 4,194,304-word x 32-bit CMOS dynamic random access memory module which is composed of eight 16Mb(4Mx4) DRAMs in TSOP packages mounted with eight decoupling capacitors. This is an 100-pin dual in-line memory module. This module supports any application where high density and large capacity of storage memory are required.

FEATURES
• 4,194,304-word x 32-bit organization
• 100-pin Dual In-line Memory Module
• Gold tab
• Single 3.3V power supply, ±0.3V tolerance
• Input : LVTTL compatible
• Output : LVTTL compatible, 3-state
• Refresh : 2048cycles/32ms
• /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
• Fast page mode with EDO, read modify write capability
• Multi-bit test mode capability
• Serial Presence Detect




Similar Part No. - MSC23V43257D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V46407TD OKI-MSC23V46407TD Datasheet
92Kb / 10P
4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V46407TD-50BS16 OKI-MSC23V46407TD-50BS16 Datasheet
92Kb / 10P
4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V46407TD-60BS16 OKI-MSC23V46407TD-60BS16 Datasheet
92Kb / 10P
4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V46407TD-70BS16 OKI-MSC23V46407TD-70BS16 Datasheet
92Kb / 10P
4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V46407TD-XXBS16 OKI-MSC23V46407TD-XXBS16 Datasheet
92Kb / 10P
4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Similar Description - MSC23V43257D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23432D OKI-MSC23432D Datasheet
45Kb / 9P
4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV432D-XXBS8 OKI-MSC23CV432D-XXBS8 Datasheet
82Kb / 9P
4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV43257D-XXBS8 OKI-MSC23CV43257D-XXBS8 Datasheet
83Kb / 9P
4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q43657D-XXBS9 OKI-MSC23Q43657D-XXBS9 Datasheet
80Kb / 9P
4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V46457TD-XXBS16 OKI-MSC23V46457TD-XXBS16 Datasheet
93Kb / 10P
4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TD-XXBS18 OKI-MSC23V47257TD-XXBS18 Datasheet
94Kb / 10P
4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343657D-XXBS10 OKI-MSC2343657D-XXBS10 Datasheet
83Kb / 9P
4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com