Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD2150 Datasheet (PDF) - NXP Semiconductors

2PD2150 Datasheet PDF - NXP Semiconductors
Part # 2PD2150
Download  2PD2150 Download
File Size   70.39 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20 V, 3 A NPN low VCEsat transistor

2PD2150 Datasheet (PDF)

Go To PDF Page Download Datasheet
2PD2150 Datasheet PDF - NXP Semiconductors

Part # 2PD2150
Download  2PD2150 Click to download

File Size   70.39 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20 V, 3 A NPN low VCEsat transistor

2PD2150 Datasheet (HTML) - NXP Semiconductors


2PD2150 Product details

General description
NPN low VCEsat Breakthrough in Small Signal (BISS) transistor in a SOT89 (SC-62/ TO-243) SMD plastic package.
PNP complement: 2PB1424.

Features
■ Low collector-emitter saturation voltage VCEsat
■ High collector current capability: IC and ICM
■ High collector current gain (hFE) at high IC
■ High efficiency due to less heat generation
■ Smaller required Printed-Circuit Board (PCB) area than for conventional transistors

Applications
■ DC-to-DC conversion
■ MOSFET gate driving
■ Motor control
■ Charging circuits
■ Power switches (e.g. motors, fans)
■ Thin Film Transistor (TFT) backlight inverter




Similar Part No. - 2PD2150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
logo
NXP Semiconductors
2PD2150_15 PHILIPS-2PD2150_15_15 Datasheet
143Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
More results


Similar Description - 2PD2150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB1424 PHILIPS-2PB1424 Datasheet
69Kb / 11P
20 V, 3 A PNP low VCEsat transistor
Rev. 01-2 May 2005
PBSS4320X PHILIPS-PBSS4320X Datasheet
115Kb / 12P
20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
PBSS4320X NXP-PBSS4320X Datasheet
202Kb / 12P
20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4320X PHILIPS-PBSS4320X_15 Datasheet
214Kb / 12P
NPN low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 03
2PD2150_15 PHILIPS-2PD2150_15_15 Datasheet
143Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
PBSS302NZ-Q NEXPERIA-PBSS302NZ-Q Datasheet
271Kb / 13P
20 V, 5.8 A NPN low VCEsat transistor
12 January 2023
PBSS302NZ NEXPERIA-PBSS302NZ Datasheet
271Kb / 13P
20 V, 5.8 A NPN low VCEsat transistor
12 January 2023
PBSS4320X NEXPERIA-PBSS4320X Datasheet
269Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
27 May 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com