Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3762 Datasheet (PDF) - Ericsson

PBL3762 Datasheet PDF - Ericsson
Part # PBL3762
Download  PBL3762 Download
File Size   1254.68 Kbytes
Page   16 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Subcriber Line Interface Circuit

PBL3762 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL3762 Datasheet PDF - Ericsson

Part # PBL3762
Download  PBL3762 Click to download

File Size   1254.68 Kbytes
Page   16 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Subcriber Line Interface Circuit

PBL3762 Datasheet (HTML) - Ericsson


PBL3762 Product details

Description
The PBL 3762 Subscriber Line Interface Circuit (SLIC) is a bipolar integrated circuit in 75 V technology which replaces the conventional transformer based analog line interface circuit in PABX and other telecommunications equipment with a modern, compact solid state design. Not only is required PCB area reduced, but lesser component weight and height result as well. The PBL 3762 has been optimized for low cost and to require only a minimum of external components.

Key Features
• Battery feed characteristics programmable via external resistors; feed characteristics independent of SLIC battery supply variations
• Battery supply voltage as low as 24 V for power efficient line card designs
• Ring relay driver
• Loop current, ground key and ring trip detection functions
• Programmable loop current detector threshold
• Hybrid function with all types of CODEC/filter devices
• Programmable line terminating impedance, complex or real
• On-hook transmission
• Longitudinal balance specifications in excess of FCC and EIA requirements
• Low 21 mW on-hook power dissipation
• Tip-ring open circuit state
• -40°C to +85°C ambient temperature range




Similar Part No. - PBL3762

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
PBL3766 ERICSSON-PBL3766 Datasheet
151Kb / 18P
Subscriber Line Interface Circuit
PBL3766/6 ERICSSON-PBL3766/6 Datasheet
151Kb / 18P
Subscriber Line Interface Circuit
PBL3766/6N ERICSSON-PBL3766/6N Datasheet
151Kb / 18P
Subscriber Line Interface Circuit
PBL3766/6QN ERICSSON-PBL3766/6QN Datasheet
151Kb / 18P
Subscriber Line Interface Circuit
More results


Similar Description - PBL3762

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
Advanced Micro Devices
AM79489 AMD-AM79489 Datasheet
772Kb / 16P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com