Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7110-01 Datasheet (PDF) - OKI electronic componets

MSC7110-01 Datasheet PDF - OKI electronic componets
Part # MSC7110-01
Download  MSC7110-01 Download
File Size   203.97 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver

MSC7110-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC7110-01 Datasheet PDF - OKI electronic componets

Part # MSC7110-01
Download  MSC7110-01 Click to download

File Size   203.97 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver

MSC7110-01 Datasheet (HTML) - OKI electronic componets


MSC7110-01 Product details

GENERAL DESCRIPTION
The MSC7110-01/MSC7112-01 is a display controller to display the timer of video tape recorder, channel operation, and other infomaiton by a vaccum fluorescent display tube. Display data is input by serial transfer from microcontroller.

FEATURES
• Provides the interface with a microcontroller by three signal lines. : DATA IN, CLOCK, and LOAD
• Driver output can directly be connected to a vaccum fluorescent display tube without a pull-down resistor.
• Display is turned on by dynamic drive mode.
• The number of display digits are programmable in the range of : 1 to 12 digits (MSC7112-01) 1 to 16 digits (MSC7110-01)
• 12-segment driver output : 16 driver outputs (MSC7112-01) 12 driver outputs (MSC7110-01)
• The LED drivers can turn on 5 outputs statically.
• RAM data can directly be displayed.
• The brightness adjustment is programmable and brightness can be adjusted every 1/15 step.
• Built-in power-on-reset circuit
• The vacuum fluorescent display tube driver outputs high withstand voltage : VDD-VEE=45V (max).
• Logic supply voltage : VDD=5V ±10%
• Package options:
    42-pin plastic SDIP (SDIP42-P-600-1.778) : (Product name : MSC7112-01SS)
    44-pin plastic QFP (QFP44-P-910-0.80-2K) : (Product name : MSC7110-01GS-2K/MSC7112-01GS-2K)




Similar Part No. - MSC7110-01

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC7110 FREESCALE-MSC7110 Datasheet
148Kb / 8P
Low-Cost 16-Bit DSP with DDR Controller
More results


Similar Description - MSC7110-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66004SP MITSUBISHI-M66004SP Datasheet
182Kb / 14P
16-DIGIT 5x7-SEGMENT VFD CONTROLLER
logo
OKI electronic componet...
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
14/16-Segment x 16-Digit Display Controller/Driver
MSC1951-01 OKI-MSC1951-01 Datasheet
138Kb / 17P
7-Segment x 16-Digit or 16-Segment x 6-Bargraph display Controller/Driver
logo
New Japan Radio
NJU3426 NJRC-NJU3426 Datasheet
114Kb / 12P
16-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER
logo
List of Unclassifed Man...
XAMR20A ETC1-XAMR20A Datasheet
170Kb / 3P
16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
Kingbright Corporation
PSA05-11EWA KINGBRIGHT-PSA05-11EWA Datasheet
153Kb / 4P
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-11YWA KINGBRIGHT-PSC05-11YWA Datasheet
153Kb / 4P
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12EWA KINGBRIGHT-PSC05-12EWA Datasheet
153Kb / 4P
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12GWA KINGBRIGHT-PSC05-12GWA Datasheet
153Kb / 4P
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
Renesas Technology Corp
M66004SP RENESAS-M66004SP Datasheet
2Mb / 15P
16-DIGIT 5*7-SEGMENT VFD CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com