Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD237 Datasheet (PDF) - List of Unclassifed Manufacturers

BD237 Datasheet PDF - List of Unclassifed Manufacturers
Part # BD237
Download  BD237 Download
File Size   1171.88 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description TO-126 Plastic-Encapsulate Transistors

BD237 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD237 Datasheet PDF - List of Unclassifed Manufacturers

Part # BD237
Download  BD237 Click to download

File Size   1171.88 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description TO-126 Plastic-Encapsulate Transistors

BD237 Datasheet (HTML) - List of Unclassifed Manufacturers


BD237 Product details

TRANSISTOR (NPN)

FEATURES
    Power dissipation PCM: 1.25 W (Tamb=25℃)
    Collector current ICM: 2 A
    Collector-base voltage V(BR)CBO: BD233 : 45 V BD235: 60 V BD237: 100 V
    Operating and storage junction temperature range TJ : 150℃ Tstg: -65℃ to +150℃




Similar Part No. - BD237

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
STMicroelectronics
BD237 STMICROELECTRONICS-BD237 Datasheet
75Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1997
logo
Fairchild Semiconductor
BD237 FAIRCHILD-BD237 Datasheet
38Kb / 4P
Medium Power Linear and Switching Applications
logo
Weitron Technology
BD237 WEITRON-BD237 Datasheet
180Kb / 3P
NPN Epitaxial Planar Transistors
logo
STMicroelectronics
BD237 STMICROELECTRONICS-BD237 Datasheet
265Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Feb-2003
More results


Similar Description - BD237

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
TO-126 Plastic-Encapsulate Transistors
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
TO-126 Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com