Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L0806B1R8JSWST Datasheet (PDF) - Kemet Corporation

L0806B1R8JSWST Datasheet PDF - Kemet Corporation
Part # L0806B1R8JSWST
Download  L0806B1R8JSWST Download
File Size   56.05 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, L-SWS, RF, 1800 nH, 5%

L0806B1R8JSWST Datasheet (PDF)

Go To PDF Page Download Datasheet
L0806B1R8JSWST Datasheet PDF - Kemet Corporation

Part # L0806B1R8JSWST
Download  L0806B1R8JSWST Click to download

File Size   56.05 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, L-SWS, RF, 1800 nH, 5%

L0806B1R8JSWST Datasheet (HTML) - Kemet Corporation




Similar Part No. - L0806B1R8JSWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806B1R0JSWST KEMET-L0806B1R0JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 1000 nH, 5%
L0806B1R0MDWST KEMET-L0806B1R0MDWST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0806B1R5JSWST KEMET-L0806B1R5JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 1500 nH, 5%
More results


Similar Description - L0806B1R8JSWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806B1R0JSWST KEMET-L0806B1R0JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 1000 nH, 5%
L0806B2R2JSWST KEMET-L0806B2R2JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 2200 nH, 5%
L0806B3R9JSWST KEMET-L0806B3R9JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 3900 nH, 5%
L0806B6R8JSWST KEMET-L0806B6R8JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 6800 nH, 5%
L0806B8R2JSWST KEMET-L0806B8R2JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 8200 nH, 5%
L0806BR12JSWST KEMET-L0806BR12JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 120 nH, 5%
L0806BR22JSWST KEMET-L0806BR22JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 220 nH, 5%
L0806BR33JSWST KEMET-L0806BR33JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 330 nH, 5%
L0806BR47JSWST KEMET-L0806BR47JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 470 nH, 5%
L0806BR82JSWST KEMET-L0806BR82JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 820 nH, 5%
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com