Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L0806B120JSWST Datasheet (PDF) - Kemet Corporation

L0806B120JSWST Datasheet PDF - Kemet Corporation
Part # L0806B120JSWST
Download  L0806B120JSWST Download
File Size   55.94 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, L-SWS, RF, 12 uH, 5%

L0806B120JSWST Datasheet (PDF)

Go To PDF Page Download Datasheet
L0806B120JSWST Datasheet PDF - Kemet Corporation

Part # L0806B120JSWST
Download  L0806B120JSWST Click to download

File Size   55.94 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, L-SWS, RF, 12 uH, 5%

L0806B120JSWST Datasheet (HTML) - Kemet Corporation




Similar Part No. - L0806B120JSWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806B100JSWST KEMET-L0806B100JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 10 uH, 5%
L0806B100MDWST KEMET-L0806B100MDWST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0806B101JSWST KEMET-L0806B101JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 100 uH, 5%
L0806B10NMDWST KEMET-L0806B10NMDWST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0806B150JSWST KEMET-L0806B150JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 15 uH, 5%
More results


Similar Description - L0806B120JSWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806B100JSWST KEMET-L0806B100JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 10 uH, 5%
L0806B101JSWST KEMET-L0806B101JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 100 uH, 5%
L0806B150JSWST KEMET-L0806B150JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 15 uH, 5%
L0806B180JSWST KEMET-L0806B180JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 18 uH, 5%
L0806B220JSWST KEMET-L0806B220JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 22 uH, 5%
L0806B270JSWST KEMET-L0806B270JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 27 uH, 5%
L0806B390JSWST KEMET-L0806B390JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 39 uH, 5%
L0806B560JSWST KEMET-L0806B560JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 56 uH, 5%
L0806B680JSWST KEMET-L0806B680JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 68 uH, 5%
L0806B820JSWST KEMET-L0806B820JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 82 uH, 5%
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com