Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBC9-2R2-792 Datasheet (PDF) - Kemet Corporation

SBC9-2R2-792 Datasheet PDF - Kemet Corporation
Part # SBC9-2R2-792
Download  SBC9-2R2-792 Download
File Size   509.25 Kbytes
Page   12 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Conformally Coated SBC Coils

SBC9-2R2-792 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBC9-2R2-792 Datasheet PDF - Kemet Corporation

Part # SBC9-2R2-792
Download  SBC9-2R2-792 Click to download

File Size   509.25 Kbytes
Page   12 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Conformally Coated SBC Coils

SBC9-2R2-792 Datasheet (HTML) - Kemet Corporation


SBC9-2R2-792 Product details

Overview
Ferrite power inductors are useful in various fields and suitable for DC/DC converters and noise filters.

Benefits
• Drum core construction
• Nickel-zinc (NiZn) ferrite core
• Magnetic non-shield type
• Operating temperature range of up to +105°C
• RoHS compliant

Applications
   Typical applications include LED lighting, xDSL modems, copying machines, flat TVs, smart meters, and power supplies.




Similar Part No. - SBC9-2R2-792

ManufacturerPart #DatasheetDescription
logo
NEC
SBC9-2R2-792 NEC-SBC9-2R2-792 Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
SBC9-2R2-792 KEMET-SBC9-2R2-792 Datasheet
76Kb / 1P
KEMET, SBC9, Power, 2200 nH, 20%, 8.5mm
More results


Similar Description - SBC9-2R2-792

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
Precision Resistor (Conformally Coated)
logo
NIC-Components Corp.
NCM NIC-NCM Datasheet
83Kb / 2P
Conformally Coated, Radial Multilayer Ceramic Capacitors
logo
AVX Corporation
SA101C103KAR AVX-SA101C103KAR Datasheet
261Kb / 6P
Conformally Coated Axial Leaded MLC
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
Conformally coated, radial leaded
P10 CDE-P10 Datasheet
189Kb / 4P
Conformally coated, axial leaded
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
Conformally Coated SBCP Coils
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
MINI-INDUCTORS CONFORMALLY COATED
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
MINI-INDUCTORS CONFORMALLY COATED
RL-1508 RENCO-RL-1508 Datasheet
1Mb / 2P
MINI-INDUCTORS CONFORMALLY COATED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com