Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM27C401CZ Datasheet (PDF) - OKI electronic componets

MSM27C401CZ Datasheet PDF - OKI electronic componets
Part # MSM27C401CZ
Download  MSM27C401CZ Download
File Size   93.87 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 8-Bit One Time PROM

MSM27C401CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM27C401CZ Datasheet PDF - OKI electronic componets

Part # MSM27C401CZ
Download  MSM27C401CZ Click to download

File Size   93.87 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 8-Bit One Time PROM

MSM27C401CZ Datasheet (HTML) - OKI electronic componets


MSM27C401CZ Product details

DESCRIPTION
The MSM27C401CZ is a 4Mbit electrically Programmable Read-Only Memory organized as 524,288 word x 8bit. The MSM27C401CZ operates on a single +3V-5V power supply and is TTL compatible. Since the MSM27C401CZ operates asynchronously , external clocks are not required , making this device easy-to-use. The MSM27C401CZ is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 32-pin DIP, 32-pin SOP or 32-pin TSOP packages.

FEATURES
• 524,288 word x 8bit
• Single +3V-5V power supply
• Access time 150ns access time (Vcc=+3V)
                       120ns access time (Vcc=+3.3V)
                         80ns access time (Vcc=+5V)
• Input / Output TTL compatible
• Three-state output
• Packages 32-pin plastic DIP (DIP32-P-600-2.54)
                   32-pin plastic SOP (SOP32-P-525-1.27-K)
                   32-pin plastic TSOP (TSOP I 32-P-814-0.50-K)




Similar Part No. - MSM27C401CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
More results


Similar Description - MSM27C401CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
524,288-Word x 8-Bit One Time PROM
MR27V801D OKI-MR27V801D Datasheet
50Kb / 10P
1,048,576-Word x 8-Bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C201CZ OKI-MSM27C201CZ Datasheet
129Kb / 12P
262,144-Word x 8-Bit One Time PROM
MR27V401E OKI-MR27V401E Datasheet
129Kb / 15P
524,288-Word 횞 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402E OKI-MR27V402E Datasheet
167Kb / 16P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com