Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5173 Datasheet (PDF) - Toshiba Semiconductor

2SC5173 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5173
Download  2SC5173 Download
File Size   232.74 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS

2SC5173 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5173 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5173
Download  2SC5173 Click to download

File Size   232.74 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS

2SC5173 Datasheet (HTML) - Toshiba Semiconductor


2SC5173 Product details

HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
COLOR TV HORIZONTAL DRIVER APPLICATIONS
COLOR TV CHROMA OUTPUR APPLICATIONS

● High Voltage : V(BR)CEO = 300V
● Small Collector Output Capacitance : Cob =3.0pF(Typ.)
● Collector metal (Fin) is fully covered with mold resin.

Collector-Base Voltage VCBO 300V
Collector-Emitter Voltage VCEO 300V
Emitter-Base Voltage VEBO 7V




Similar Part No. - 2SC5173

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5173 TOSHIBA-2SC5173 Datasheet
143Kb / 4P
High-Voltage Switching and Amplifier Applications
2SC5173 TOSHIBA-2SC5173_04 Datasheet
143Kb / 4P
High-Voltage Switching and Amplifier Applications
More results


Similar Description - 2SC5173

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4709 SANYO-2SC4709 Datasheet
99Kb / 3P
High-Voltage Amplifier, High-Voltage Switching Applications
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
TIP47 FAIRCHILD-TIP47 Datasheet
37Kb / 4P
High Voltage and Switching Applications
logo
Sanyo Semicon Device
2SA1968LS SANYO-2SA1968LS Datasheet
30Kb / 3P
High-Voltage Amplifier, High-Voltage Switching Applications
logo
Toshiba Semiconductor
TBF871 TOSHIBA-TBF871 Datasheet
121Kb / 4P
HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC5173 TOSHIBA-2SC5173_04 Datasheet
143Kb / 4P
High-Voltage Switching and Amplifier Applications
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
TIP50TU FAIRCHILD-TIP50TU Datasheet
486Kb / 5P
High Voltage and Switching Applications
logo
Toshiba Semiconductor
2SC522 TOSHIBA-2SC522 Datasheet
230Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH VOLTAGE SWITCHING APPLICATIONS. REGULATOR APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com