Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82789C0 Datasheet (PDF) - TDK Electronics

B82789C0 Datasheet PDF - TDK Electronics
Part # B82789C0
Download  B82789C0 Download
File Size   236.39 Kbytes
Page   10 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description SIMDAD 1812, common-mode chokes

B82789C0 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82789C0 Datasheet PDF - TDK Electronics

Part # B82789C0
Download  B82789C0 Click to download

File Size   236.39 Kbytes
Page   10 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description SIMDAD 1812, common-mode chokes

B82789C0 Datasheet (HTML) - TDK Electronics


B82789C0 Product details

Rated voltage 42 V AC/80 V DC
Rated inductance 11 H to 100 H
Rated current 150 mA to 300 mA

Features
■ Temperature range up to 150 °C (B82789C0/S0*H)
■ Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020C
■ For gold-plated terminals conductive adhesion possible
■ Qualified to AEC-Q200
■ RoHS-compatible

Applications
■ Automotive applications, e.g. CAN and FlexRay bus
■ Industrial field bus systems
■ Line cards for telecom




Similar Part No. - B82789C0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82789C0 EPCOS-B82789C0 Datasheet
205Kb / 11P
Data and signal line chokes
B82789C0 EPCOS-B82789C0 Datasheet
205Kb / 11P
SIMDAD 1812, common-mode chokes
B82789C0104H001 EPCOS-B82789C0104H001 Datasheet
205Kb / 11P
Data and signal line chokes
B82789C0104H001 EPCOS-B82789C0104H001 Datasheet
205Kb / 11P
SIMDAD 1812, common-mode chokes
B82789C0104H001 EPCOS-B82789C0104H001 Datasheet
205Kb / 11P
Data and signal line chokes
More results


Similar Description - B82789C0

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
logo
EPCOS
B82789C0 EPCOS-B82789C0 Datasheet
205Kb / 11P
SIMDAD 1812, common-mode chokes
logo
XFMRS Inc.
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
RENCO ELECTRONICS, INC.
RL-4400-1H RENCO-RL-4400-1H Datasheet
1Mb / 2P
COMMON MODE CHOKES
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com