Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9286-200 Datasheet (PDF) - AVX Corporation

9286-200 Datasheet PDF - AVX Corporation
Part # 9286-200
Download  9286-200 Download
File Size   665.42 Kbytes
Page   8 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Reduced Thru Wire Connector 18-24 AWG: WTW

9286-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
9286-200 Datasheet PDF - AVX Corporation

Part # 9286-200
Download  9286-200 Click to download

File Size   665.42 Kbytes
Page   8 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Reduced Thru Wire Connector 18-24 AWG: WTW

9286-200 Datasheet (HTML) - AVX Corporation




Similar Part No. - 9286-200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9286-250 AVX-9286-250 Datasheet
522Kb / 5P
Reduced Junction Box Connector 18-24 AWG: WTW
More results


Similar Description - 9286-200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-09-1153 MOLEX11-02-09-1153 Datasheet
78Kb / 1P
CRIMP TERM FEMALE 093/(2.36)DIA/ FOR 14 THRU 18 AWG WIRE
008-56-0113 MOLEX11-008-56-0113 Datasheet
71Kb / 1P
CRIMP TERMINAL , 156 18 TO 24 AWG WIRE
63900-8300 MOLEX11-63900-8300 Datasheet
50Kb / 1P
FineAdjust for Male Terminal, 18-24 AWG Wire
63900-8400 MOLEX11-63900-8400 Datasheet
50Kb / 1P
FineAdjust for Female Terminal, 18-24 AWG Wire
logo
AVX Corporation
9176-700 AVX-9176-700 Datasheet
320Kb / 8P
Capped 18-24 AWG: WTB
9286-250 AVX-9286-250 Datasheet
522Kb / 5P
Reduced Junction Box Connector 18-24 AWG: WTW
9286-300 AVX-9286-300 Datasheet
378Kb / 4P
Thru Wire Connector 12-16AWG: WTW
logo
Molex Electronics Ltd.
63808-3700 MOLEX-63808-3700 Datasheet
900Kb / 7P
FA2 Crimp Applicator for 1.8mm SLD WTW Crimp Terminals: 22-24 AWG
02-28-20
0639008300 MOLEX-0639008300 Datasheet
34Kb / 2P
FineAdjust for Male Terminal, 18-24 AWG Wire
08/26/2022
0639008400 MOLEX-0639008400 Datasheet
33Kb / 2P
FineAdjust Applicator for Female Terminal, 18-24 AWG Wire
08/26/2022
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com