Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM27V3255CZ Datasheet (PDF) - OKI electronic componets

MSM27V3255CZ Datasheet PDF - OKI electronic componets
Part # MSM27V3255CZ
Download  MSM27V3255CZ Download
File Size   100.28 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM

MSM27V3255CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM27V3255CZ Datasheet PDF - OKI electronic componets

Part # MSM27V3255CZ
Download  MSM27V3255CZ Click to download

File Size   100.28 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM

MSM27V3255CZ Datasheet (HTML) - OKI electronic componets


MSM27V3255CZ Product details

DESCRIPTION
The MSM27V3255CZ is a 32Mbit electrically Programmable Read-Only Memory with page mode. Its configuration can be electrically switched between 1,048,576 double word x 32bit and 2,097,152 word x 16bit. The MSM27V3255CZ operates on a single +3.3V power supply and is TTL compatible. The MSM27V3255CZ provides Page mode which can greatly reduce the read access time. Since the MSM27V3255CZ operates asynchronously , external clocks are not required , making this device easy-to-use. The MSM27V3255CZ is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 70-pin SSOP package.

FEATURES
• 1,048,576 double word x 32bit / 2,097,152 word x 16bit electrically switchable configuration
• Single +3.3V power supply
• Access time 100ns Page mode access time 30ns
• Input / Output TTL compatible
• Three-state output
• Packages 70-pin plastic SSOP (SSOP70-P-500-0.80-K)




Similar Part No. - MSM27V3255CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
More results


Similar Description - MSM27V3255CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3255D OKI-MR27V3255D Datasheet
56Kb / 10P
1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1655CZ OKI-MSM27C1655CZ Datasheet
91Kb / 12P
524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27C3255CZ OKI-MSM27C3255CZ Datasheet
91Kb / 12P
1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com