Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01 Datasheet (PDF) - OKI electronic componets

ML9092-01 Datasheet PDF - OKI electronic componets
Part # ML9092-01
Download  ML9092-01 Download
File Size   659.46 Kbytes
Page   66 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description LCD Driver with Key Scanner and RAM

ML9092-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9092-01 Datasheet PDF - OKI electronic componets

Part # ML9092-01
Download  ML9092-01 Click to download

File Size   659.46 Kbytes
Page   66 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description LCD Driver with Key Scanner and RAM

ML9092-01 Datasheet (HTML) - OKI electronic componets


ML9092-01 Product details

GENERAL DESCRIPTION
The ML9092-01/02/03/04 are LCD drivers that have internal RAM and a key scan function. They are best suited for car audio displays.
Since 1-bit data of the display data RAM corresponds to the light-on or light-off of 1-dot of the LCD panel (a bit map system), a flexible display is possible.
A graphic display system of a maximum of 60 × 10 dots (56 × 10 dots for ML9092-01,  60 × 10 dots for ML9092-02/03/04). can be implemented.

FEATURES
• Logic voltage : 4.5 to 5.5 V
• LCD drive voltage : 4.5 to 16.5 V (positive voltage)
• Segment output : 56 outputs for ML9092-01; 60 outputs for ML9092-02/03/04
• Common output : 10 outputs
• Built-in bit-mapped RAM : 60 × 10 = 600 bits (for ML9092-01 only: 56 × 10 = 560 bits
                                            for the RAM display area)
• 4-pin serial interface with CPU: CS, CP, DI/O, KREQ
• Built-in LCD drive bias resistors
• Built-in voltage doubler circuit
• For the ML9092-01/04, the built-in 5 × 5 key scanner makes it possible to read the status of 25 key switches and
    1-channel rotary encoder. In addition, the ML9092-01/04 have an 8-bit, 3-channlel PWM circuit built in.
    For the ML9092-02/03, the built-in 6 × 4 key scanner makes it possible to read the status of 24 key switches and
    1-channel rotary encoder.
• Port A output : 1 pin, output current = –15 mA : Can be used for LED driving
• Port B output : 3 pins, output current = –2 mA : Applies to ML9092-01/04 (capable of PWM output)
• Port C output : 5 pin, output current = –2 mA : Applies to ML9092-01 only
• Port D output : 5 pins, output current = –2 mA : Applies to ML9092-01 only
• Temperature range : –40 to +85°C
• Package: 100-pin plastic TQFP (TQFP100-P-1414-0.50-K)
    (Product name: ML9092-01TB, ML9092-02TB, ML9092-03TB, ML9092-04TB)




Similar Part No. - ML9092-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
LCD Driver with Key Scanner
More results


Similar Description - ML9092-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
LCD Driver with Key Scanner and RAM
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
LCD DRIVER WITH ON-CHIP KEY INPUT
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
LCD Driver with Key Scanner and RAM
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
LCD Driver with Key Scan(4x8)
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
LCD Driver with Key Scanner
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
DUTY LCD DRIVER WITH KEY SCAN
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com