Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3419 Datasheet (PDF) - Diodes Incorporated

AP3419 Datasheet PDF - Diodes Incorporated
Part # AP3419
Download  AP3419 Download
File Size   471.91 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A STEP-DOWN DC-DC BUCK CONVERTER

AP3419 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3419 Datasheet PDF - Diodes Incorporated

Part # AP3419
Download  AP3419 Click to download

File Size   471.91 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A STEP-DOWN DC-DC BUCK CONVERTER

AP3419 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AP3419

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410BK-G1 BCDSEMI-AP3410BK-G1 Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410BKTR-G1 BCDSEMI-AP3410BKTR-G1 Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
TECH PUBLIC Electronics...
AP3410KTR-TP TECHPUBLIC-AP3410KTR-TP Datasheet
3Mb / 7P
High Efficiency 1.5MHz, 1.2A Synchronous Step Down Regulator
More results


Similar Description - AP3419

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Diodes Incorporated
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7222A AITSEMI-A7222A Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 16V, 2A SYNCHRONOUS
REV1.0
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
A7322 AITSEMI-A7322 Datasheet
776Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 2A, 500kHZ SYNCHRONOUS
REV1.1 - MAY 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com