Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-X50375B-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-X50375B-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-X50375B-C1-R0
Download  ATS-X50375B-C1-R0 Download
File Size   327.51 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description 37.50 x 37.50 x 7.50 mm BGA Heat Sink - High Performance maxiFLOW/superGRIP

ATS-X50375B-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-X50375B-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-X50375B-C1-R0
Download  ATS-X50375B-C1-R0 Click to download

File Size   327.51 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description 37.50 x 37.50 x 7.50 mm BGA Heat Sink - High Performance maxiFLOW/superGRIP

ATS-X50375B-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-X50375B-C1-R0 Product details

Designed for 37.5 x 37.5 mm components
Requires minimal space around the component’s perimeter; ideal for densely populated PCBs
Allows the heat sink to be detached and reattached without damaging the component or the PCB, an important feature in the event a
PCB may need to be reworked
Strong, uniform attachment force helps achieve maximum performance from phase-changing TIMs
Eliminates the need to drill mounting holes in the PCB




Similar Part No. - ATS-X50375B-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-X50375G-C1-R0 ATS-ATS-X50375G-C1-R0 Datasheet
659Kb / 1P
High Performance BGA Cooling
REV0_042109
ATS-X50375P-C1-R0 ATS-ATS-X50375P-C1-R0 Datasheet
666Kb / 1P
High Performance BGA Cooling
REV0_042109
More results


Similar Description - ATS-X50375B-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-52150B-C1-R0 ATS-ATS-52150B-C1-R0 Datasheet
284Kb / 1P
BGA Heat Sink - High Performance maxiFLOW w/Thermal Tape
Rev - 040517
ATS-52150G-C1-R0 ATS-ATS-52150G-C1-R0_17 Datasheet
285Kb / 1P
BGA Heat Sink - High Performance maxiFLOW w/Thermal Tape
Rev - 040517
ATS-53375K-C1-R0 ATS-ATS-53375K-C1-R0 Datasheet
267Kb / 1P
37.50 x 37.50 x 14.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53375R-C1-R0 ATS-ATS-53375R-C1-R0 Datasheet
266Kb / 1P
37.50 x 37.50 x 19.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53400K-C1-R0 ATS-ATS-53400K-C1-R0 Datasheet
266Kb / 1P
40.00 x 40.00 x 14.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53425K-C1-R0 ATS-ATS-53425K-C1-R0 Datasheet
266Kb / 1P
42.50 x 42.50 x 14.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53425R-C1-R0 ATS-ATS-53425R-C1-R0 Datasheet
266Kb / 1P
42.50 x 42.50 x 19.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53450D-C1-R0 ATS-ATS-53450D-C1-R0 Datasheet
266Kb / 1P
45.00 x 45.00 x 9.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53450K-C1-R0 ATS-ATS-53450K-C1-R0 Datasheet
266Kb / 1P
45.00 x 45.00 x 14.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53450R-C1-R0 ATS-ATS-53450R-C1-R0 Datasheet
267Kb / 1P
45.00 x 45.00 x 19.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com