Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC573MTC Datasheet (PDF) - ON Semiconductor

74VHC573MTC Datasheet PDF - ON Semiconductor
Part # 74VHC573MTC
Download  74VHC573MTC Download
File Size   252.3 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Latch with 3-STATE Outputs

74VHC573MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC573MTC Datasheet PDF - ON Semiconductor

Part # 74VHC573MTC
Download  74VHC573MTC Click to download

File Size   252.3 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Latch with 3-STATE Outputs

74VHC573MTC Datasheet (HTML) - ON Semiconductor


74VHC573MTC Product details

The MC74VHC573 is an advanced high speed CMOS octal latch with 3−state output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
This 8−bit D−type latch is controlled by a latch enable input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems.

• High Speed: tPD = 4.5ns (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4μA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 1.2V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 218 FETs or 54.5 Equivalent Gates
   These devices are available in Pb−free package(s). Specifications herein
   apply to both standard and Pb−free devices. Please see our website at
   www.onsemi.com for specific Pb−free orderable part numbers, or
   contact your local ON Semiconductor sales office or representative.




Similar Part No. - 74VHC573MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MTC FAIRCHILD-74VHC573MTC Datasheet
104Kb / 8P
Octal D-Type Latch with 3-STATE Outputs
74VHC573MTC FAIRCHILD-74VHC573MTC Datasheet
252Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
74VHC573MTC FAIRCHILD-74VHC573MTC Datasheet
253Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
74VHC573MTCX FAIRCHILD-74VHC573MTCX Datasheet
253Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
More results


Similar Description - 74VHC573MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com