Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.5KE Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1.5KE Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1.5KE
Download  1.5KE Download
File Size   201.6 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1500W, 6.8V - 440V Transient Voltage Suppressor

1.5KE Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1.5KE
Download  1.5KE Click to download

File Size   201.6 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1500W, 6.8V - 440V Transient Voltage Suppressor

1.5KE Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Vishay Siliconix
1.5KE VISHAY-1.5KE Datasheet
113Kb / 6P
TRANSZORB Transient Voltage Suppressors
30-Oct-02
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
More results


Similar Description - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Formosa MS
1.5KE6.8 FORMOSA-1.5KE6.8 Datasheet
145Kb / 6P
1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
1500W, 6.8V - 440V Transient Voltage Suppressor
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
400W, 6.8V - 440V Transient Voltage Suppressor
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
600W, 6.8V - 440V Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
1500W Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com