Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX1690 Datasheet (PDF) - Anpec Electronics Coropration

APX1690 Datasheet PDF - Anpec Electronics Coropration
Part # APX1690
Download  APX1690 Download
File Size   79.35 Kbytes
Page   8 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 9-Set Over Voltage Protector

APX1690 Datasheet (PDF)

Go To PDF Page Download Datasheet
APX1690 Datasheet PDF - Anpec Electronics Coropration

Part # APX1690
Download  APX1690 Click to download

File Size   79.35 Kbytes
Page   8 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 9-Set Over Voltage Protector

APX1690 Datasheet (HTML) - Anpec Electronics Coropration


APX1690 Product details

General Description
The APX1690 is a precise 9-Set over voltage protector. The trigger voltages of IN1 to IN4 are internally set to detect the 7.0V, 4.5V, 4.0V and 3.0V, respectively. The trigger voltage of IN5 to IN9 can be set by using external resistor divider with the internal reference voltage (1.5V). The APX1690 offers 2% voltage setting accuracy over temp, and an ultra low ground current 40µA(max). The ground current is reduced to 30µA(max) when an over voltage happened and output is latched.

Features
• 9-Set Voltage Monitors (4 Fixed Inputs for 7.0V, 4.5V, 4.0V and 3.0V, 5 Adjustable Inputs with 1. 5V Internal Reference)
• Input Voltage Range of 2~5V (Good for RTC Battery)
• Complementary Output to Drive 2N7002
• Outputs with Latch
• Quiescent Supply Current : 40µA
• Quiescent Supply Current : 30µA When Output Latch
• VREF=1.5V±2.0% Over Temp

Applications
• Note Book Computer
• Multiple Supply System




Similar Part No. - APX1690

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
More results


Similar Description - APX1690

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4010-01 BOURNS-4010-01 Datasheet
73Kb / 2P
Surge Protector Test Set
4020-01 BOURNS-4020-01 Datasheet
121Kb / 2P
Surge Protector Test Set for Telecom
4030-0X BOURNS-4030-0X Datasheet
193Kb / 2P
Surge Protector Test Set
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7011 ETA-ETA7011 Datasheet
273Kb / 1P
Unidirectional and Bidirectional configurable 20V Over-Voltage Protector
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7018 ETA-ETA7018 Datasheet
363Kb / 1P
20V Over-Voltage-Protector with 12mohm On Resistance
ETA7028 ETA-ETA7028 Datasheet
321Kb / 1P
36V Over-Voltage-Protector with 30mohm On Resistance
ETA70084 ETA-ETA70084 Datasheet
362Kb / 1P
50V Over Voltage Protector with 43 mohm On Resistance
ETA70086 ETA-ETA70086 Datasheet
365Kb / 1P
75V Over Voltage Protector with 80 mohm On Resistance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com