Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC124T Datasheet (PDF) - Rohm

DTC124T Datasheet PDF - Rohm
Part # DTC124T
Download  DTC124T Download
File Size   704.49 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DIGITAL TRANSISTOR

DTC124T Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC124T Datasheet PDF - Rohm

Part # DTC124T
Download  DTC124T Click to download

File Size   704.49 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DIGITAL TRANSISTOR

DTC124T Datasheet (HTML) - Rohm


DTC124T Product details

Features
1) Built-In Biasing Resistors, R1 = R2 = 10kΩ
2) Built-in bias resistors enable the configuration of
   an inverter circuit without connecting external
   input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
   for operation, making the circuit design easy.
4) Complementary NPN Types: DTC114E series

Application
   INVERTER, INTERFACE, DRIVER




Similar Part No. - DTC124T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC124T UTC-DTC124T Datasheet
106Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTC124T UTC-DTC124T Datasheet
111Kb / 2P
NPN DIGITAL TRANSISTOR
logo
Rohm
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC124TCA ROHM-DTC124TCA Datasheet
969Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124TE ROHM-DTC124TE Datasheet
64Kb / 3P
Digital transistors (built-in resistor)
More results


Similar Description - DTC124T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
Digital Transistor
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
Digital Transistor
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
Digital Transistor
Rev.A
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
Digital Transistor
Rev.A
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
Digital Transistor
Rev.A
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com