Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6636 Datasheet (PDF) - International Rectifier

IRF6636 Datasheet PDF - International Rectifier
Part # IRF6636
Download  IRF6636 Download
File Size   238.94 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce

IRF6636 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF6636 Datasheet PDF - International Rectifier

Part # IRF6636
Download  IRF6636 Click to download

File Size   238.94 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce

IRF6636 Datasheet (HTML) - International Rectifier


IRF6636 Product details

Description
The IRF6636 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the lowest on-state resistance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.

• RoHS compliant containing no lead or bromide
• Low Profile (<0.7 mm)
• Dual Sided Cooling Compatible
• Ultra Low Package Inductance
• Optimized for High Frequency Switching
• Ideal for CPU Core DC-DC Converters
• Optimized for for Control FET socket of Sync. Buck Converter
• Low Conduction and Switching Losses
• Compatible with existing Surface Mount Techniques




Similar Part No. - IRF6636

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6636PBF IRF-IRF6636PBF Datasheet
288Kb / 10P
DirectFETPower MOSFET
IRF6636PBF IRF-IRF6636PBF Datasheet
288Kb / 10P
Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
Ideal for CPU Core DC-DC Converters
IRF6636TRPBF IRF-IRF6636TRPBF Datasheet
288Kb / 10P
DirectFETPower MOSFET
IRF6636TRPBF IRF-IRF6636TRPBF Datasheet
288Kb / 10P
Ideal for CPU Core DC-DC Converters
More results


Similar Description - IRF6636

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF Datasheet
91Kb / 7P
Low Gate Charge, Low On-resistance
logo
International Rectifier
IRF7495TRPBF IRF-IRF7495TRPBF Datasheet
228Kb / 8P
Low Gate to Drain Charge to Reduce Switching Losses
logo
Kersemi Electronic Co.,...
IRFR3410 KERSEMI-IRFR3410 Datasheet
1Mb / 8P
Low Gate-to-Drain Charge to Reduce Switching Losses
IRFR18N15D KERSEMI-IRFR18N15D_15 Datasheet
902Kb / 10P
Low Gate to Drain Charge to Reduce
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF_15 Datasheet
236Kb / 9P
Low Gate to Drain Charge to Reduce Switching Losses
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
Ultra-low Package Inductance
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
Ultra Low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
Ultra Low Package Inductance
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
Ultra Low Package Inductance
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com