Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5M22AT-C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM5M22AT-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM5M22AT-C
Download  SM5M22AT-C Download
File Size   441.9 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 3600W Transient Voltage Suppressors Family

SM5M22AT-C Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5M22AT-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM5M22AT-C
Download  SM5M22AT-C Click to download

File Size   441.9 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 3600W Transient Voltage Suppressors Family

SM5M22AT-C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM5M22AT-C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM5M2 SHARP-SM5M2 Datasheet
253Kb / 28P
4-Bit Single-Chip Microcomputer(LCD Driver)
More results


Similar Description - SM5M22AT-C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSM5W YEASHIN-YSM5W Datasheet
283Kb / 5P
Transient Voltage Suppressors family
YSM6W YEASHIN-YSM6W Datasheet
285Kb / 5P
Transient Voltage Suppressors family
YSM8W YEASHIN-YSM8W Datasheet
285Kb / 5P
Transient Voltage Suppressors family
logo
SeCoS Halbleitertechnol...
SM6MXXT-C SECOS-SM6MXXT-C Datasheet
516Kb / 3P
4600W Transient Voltage Suppressors Family
SM8MXXT-C SECOS-SM8MXXT-C Datasheet
524Kb / 3P
6600W Transient Voltage Suppressors Family
logo
Shanghai Leiditech Elec...
SM5S LEIDITECH-SM5S Datasheet
1Mb / 6P
3600W Transient Voltage Suppressor
logo
Diodes Incorporated
DM5W10A DIODES-DM5W10A Datasheet
862Kb / 6P
3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 5 - 2
DM5W10AQ DIODES-DM5W10AQ Datasheet
579Kb / 6P
3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
DM5W27Q DIODES-DM5W27Q Datasheet
549Kb / 6P
3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
UN Semiconducctor INC
SM5Z UNSEMI-SM5Z Datasheet
2Mb / 5P
Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com