Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117800D Datasheet (PDF) - OKI electronic componets

MSM5117800D Datasheet PDF - OKI electronic componets
Part # MSM5117800D
Download  MSM5117800D Download
File Size   163.14 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM5117800D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5117800D Datasheet PDF - OKI electronic componets

Part # MSM5117800D
Download  MSM5117800D Click to download

File Size   163.14 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM5117800D Datasheet (HTML) - OKI electronic componets


MSM5117800D Product details

DESCRIPTION
The MSM5117800D is a 2,097,152-word x 8-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS technology. The MSM5117800D achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5117800D is available in a 28-pin plastic SOJ, 28-pin plastic TSOP.

FEATURES
● 2,097,152-word x 8-bit configuration
● Single 5V power supply, ±10% tolerance
● Input : TTL compatible, low input capacitance
● Output : TTL compatible, 3-state
● Refresh : 2048 cycles/32 ms
● Fast page mode, read modify write capability
● CAS before RAS refresh, hidden refresh, RAS-only refresh capability
● Multi-bit test mode capability
● Package options:
    28-pin 400mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM5117800D-xxJS)
    28-pin 400mil plastic TSOP (TSOPII28-P-400-1.27-K) (Product : MSM5117800D-xxTS-K)(TSOPII28-P-400-1.27-L) (Product : MSM5117800D-xxTS-L)xx : indicates speed rank.




Similar Part No. - MSM5117800D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117800A OKI-MSM5117800A Datasheet
592Kb / 8P
2,197,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800C OKI-MSM5117800C Datasheet
462Kb / 16P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F OKI-MSM5117800F Datasheet
207Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F-50 OKI-MSM5117800F-50 Datasheet
207Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F-60 OKI-MSM5117800F-60 Datasheet
207Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM5117800D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800C OKI-MSM5117800C Datasheet
462Kb / 16P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16800B OKI-MSM51V16800B Datasheet
95Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F OKI-MSM5117800F Datasheet
207Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800F OKI-MSM51V17800F Datasheet
213Kb / 15P
2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100 OKI-MSM512100 Datasheet
251Kb / 16P
2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800C OKI-MSM5116800C Datasheet
483Kb / 16P
2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com