Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

305C12 Datasheet (PDF) - Vishay Siliconix

305C12 Datasheet PDF - Vishay Siliconix
Part # 305C12
Download  305C12 Download
File Size   177.2 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PTCR Motor Start Packages PSC Single Phase Motor Start Assist

305C12 Datasheet (PDF)

Go To PDF Page Download Datasheet
305C12 Datasheet PDF - Vishay Siliconix

Part # 305C12
Download  305C12 Click to download

File Size   177.2 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PTCR Motor Start Packages PSC Single Phase Motor Start Assist

305C12 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 305C12

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Littelfuse
305 LITTELFUSE-305 Datasheet
728Kb / 2P
PICO 305 Series Fuses - 277V UL913 Intrinsically Safe Fuse
logo
EDAC, All Rights Reserv...
305 EDAC-305 Datasheet
278Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
logo
Morse Mfg. Co., Inc.
305 MORSE-305 Datasheet
648Kb / 3P
305 Series Can Tumblers
4 Jan, 2023
logo
PANAVISE PRODUCTS, INC.
305 PANAVISE-305 Datasheet
1Mb / 8P
Precision Vise Combinations
More results


Similar Description - 305C12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1674 VISHAY-307C1674 Datasheet
271Kb / 1P
PTCR Motor Start Pellets
14-May-02
logo
NTE Electronics
MSC125V21 NTE-MSC125V21 Datasheet
22Kb / 3P
MOTOR START AC ELECTROLYTIC
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
MOTOR START POTENTIAL RELAY
logo
American Zettler, Inc.
ZCPR AZETTLER-ZCPR Datasheet
463Kb / 4P
MOTOR START POTENTIAL RELAY
logo
NTE Electronics
MSC125V21 NTE-MSC125V21_12 Datasheet
2Mb / 3P
MOTOR START AC ELECTROLYTIC
MSCH-01 NTE-MSCH-01 Datasheet
561Kb / 1P
MOTOR START HARDWARE
logo
Hongfa Technology
HF8565 HONGFA-HF8565_15 Datasheet
113Kb / 4P
MOTOR START POTENTIAL RELAY
logo
Vishay Siliconix
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
Thermistors Motor Start Packages
11-Sep-15
PTC307C VISHAY-PTC307C Datasheet
428Kb / 3P
Thermistors Motor Start Pellets
11-Aug-10
PTC305C VISHAY-PTC305C_V01 Datasheet
168Kb / 8P
PTC Thermistors Motor Start Packages
11-Sep-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com