Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM846BS Datasheet (PDF) - Diotec Semiconductor

BCM846BS Datasheet PDF - Diotec Semiconductor
Part # BCM846BS
Download  BCM846BS Download
File Size   151.12 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Matched NPN Transistors

BCM846BS Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM846BS Datasheet PDF - Diotec Semiconductor

Part # BCM846BS
Download  BCM846BS Click to download

File Size   151.12 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Matched NPN Transistors

BCM846BS Datasheet (HTML) - Diotec Semiconductor


BCM846BS Product details

Features
   Two transistors in one package with matched current gain and Base-Emitter voltage
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Current mirrors Differential amplifiers Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - BCM846BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
NPN/NPN matched double transistor
logo
Diodes Incorporated
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BCM846BS-7 DIODES-BCM846BS-7 Datasheet
331Kb / 5P
65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
logo
Nexperia B.V. All right...
BCM846BS-Q NEXPERIA-BCM846BS-Q Datasheet
237Kb / 9P
NPN/NPN matched double transistor
9 October 2024
BCM846BSH NEXPERIA-BCM846BSH Datasheet
237Kb / 10P
65 V, 100 mA NPN/NPN matched double transistor
6 May 2021
More results


Similar Description - BCM846BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
NPN/NPN matched double transistors
Rev. 05-27 June 2006
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
NPN/NPN matched double transistors
Rev. 06-28 August 2009
PMP4201V NXP-PMP4201V Datasheet
123Kb / 14P
NPN/NPN matched double transistors
Rev. 04-28 August 2009
PMP4501V NXP-PMP4501V Datasheet
123Kb / 14P
NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Seme LAB
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
SILICON DUAL MATCHED NPN TRANSISTORS
logo
List of Unclassifed Man...
300P14-U ETC2-300P14-U Datasheet
99Kb / 5P
4 Matched NPN Transistors
THAT300S14-U ETC2-THAT300S14-U Datasheet
99Kb / 5P
4 Matched NPN Transistors
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV_15 Datasheet
138Kb / 15P
NPN/NPN matched double transistors
Rev. 06-28 August 2009
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
SILICON DUAL MATCHED NPN TRANSISTORS
logo
Nexperia B.V. All right...
PMP4501G NEXPERIA-PMP4501G Datasheet
122Kb / 14P
NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com