Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1129 Datasheet (PDF) - NEC

2SA1129 Datasheet PDF - NEC
Part # 2SA1129
Download  2SA1129 Download
File Size   103.38 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING

2SA1129 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1129 Datasheet PDF - NEC

Part # 2SA1129
Download  2SA1129 Click to download

File Size   103.38 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING

2SA1129 Datasheet (HTML) - NEC


2SA1129 Product details

The 2SA1129 is a mold power transistor developed for mid-speed switching, and is ideal for use as a ramp driver.

FEATURES
• Large current capacity with small package: IC(DC)= −7.0 A
• Low collector saturation voltage:
   VCE(sat) = −0.3 V MAX. @IC= −3.0 A, IB = −0.1 A
• Complementary transistor: 2SC2654




Similar Part No. - 2SA1129

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1129 SAVANTIC-2SA1129 Datasheet
102Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1129 JMNIC-2SA1129 Datasheet
186Kb / 3P
Silicon PNP Power Transistors
2SA1129 JMNIC-2SA1129 Datasheet
186Kb / 3P
Silicon PNP Power Transistors
logo
Foshan Blue Rocket Elec...
2SA1129 FOSHAN-2SA1129 Datasheet
643Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
More results


Similar Description - 2SA1129

ManufacturerPart #DatasheetDescription
logo
NEC
2SD2403 NEC-2SD2403 Datasheet
137Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SB1578 NEC-2SB1578 Datasheet
129Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SB1628 NEC-2SB1628 Datasheet
125Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2425 NEC-2SD2425 Datasheet
125Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SA1897 NEC-2SA1897 Datasheet
107Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2402 NEC-2SD2402 Datasheet
103Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
Renesas Technology Corp
2SD2402 RENESAS-2SD2402_15 Datasheet
236Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2403 RENESAS-2SD2403_15 Datasheet
261Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2425 RENESAS-2SD2425_15 Datasheet
249Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SB1628 RENESAS-2SB1628_15 Datasheet
249Kb / 8P
PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com