Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB780 Datasheet (PDF) - OPTEK Technologies

OPB780 Datasheet PDF - OPTEK Technologies
Part # OPB780
Download  OPB780 Download
File Size   119.64 Kbytes
Page   1 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Switch

OPB780 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB780 Datasheet PDF - OPTEK Technologies

Part # OPB780
Download  OPB780 Click to download

File Size   119.64 Kbytes
Page   1 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Switch

OPB780 Datasheet (HTML) - OPTEK Technologies


OPB780 Product details

Description:
The OPB780 programmable color light-to-frequency converter combines configurable silicon photodiodes and a current-tofrequency converter on single monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity (irradiance). The full-scale output frequency can be scaled by one of three preset values via two control input pins. Digital inputs and digital output allow direct interface to a microcontroller or other logic circuitry. Output enable (OE@) places the output in the high-impedance state for multiple-unit sharing of a microcontroller input line.

Features:
• High-Resolution conversion of Light intensity to Frequency
• Communicates Directly with a Microcontroller
• Single-Supply Operation (2.7V to 5.5V)
• Nonlinearity Error Typically 0.2% at 50 kHz
• Stable 200 ppm/°C Temperature Coefficient

Applications:
• Bill Validation
• Object Color Recognition
• Pill Verification
• Vending Machine Object Verification
• Identification of Paint Color
• Badge Color Identification
• Monitor to Printer Matching
• Etc.




Similar Part No. - OPB780

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB780-KIT TTELEC-OPB780-KIT Datasheet
299Kb / 9P
Color Sensor Evaluation Kit
logo
OPTEK Technologies
OPB780Z OPTEK-OPB780Z Datasheet
285Kb / 6P
Reflective Color Sensor Assembly
More results


Similar Description - OPB780

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSS10000 MARKTECH-MTSS10000 Datasheet
135Kb / 4P
SLOTTED SWITCH
MTSS10010 MARKTECH-MTSS10010 Datasheet
151Kb / 5P
SLOTTED SWITCH
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
SLOTTED SWITCH
MTSS10050 MARKTECH-MTSS10050 Datasheet
98Kb / 3P
SLOTTED SWITCH
MTSS12000 MARKTECH-MTSS12000 Datasheet
107Kb / 4P
SLOTTED SWITCH
MTSS5070A MARKTECH-MTSS5070A Datasheet
40Kb / 2P
SLOTTED SWITCH
MTSS8000A MARKTECH-MTSS8000A Datasheet
119Kb / 3P
SLOTTED SWITCH
MTSS8050 MARKTECH-MTSS8050 Datasheet
127Kb / 3P
SLOTTED SWITCH
MTSS8520 MARKTECH-MTSS8520 Datasheet
116Kb / 3P
SLOTTED SWITCH
logo
OPTEK Technologies
OPB885Z OPTEK-OPB885Z Datasheet
863Kb / 3P
Slotted Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com