Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PSH71KPBF Datasheet (PDF) - International Rectifier

IRG4PSH71KPBF Datasheet PDF - International Rectifier
Part # IRG4PSH71KPBF
Download  IRG4PSH71KPBF Download
File Size   289.25 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Highest current rating IGBT

IRG4PSH71KPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRG4PSH71KPBF Datasheet PDF - International Rectifier

Part # IRG4PSH71KPBF
Download  IRG4PSH71KPBF Click to download

File Size   289.25 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Highest current rating IGBT

IRG4PSH71KPBF Datasheet (HTML) - International Rectifier




Similar Part No. - IRG4PSH71KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PSH71K IRF-IRG4PSH71K Datasheet
146Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRG4PSH71KD IRF-IRG4PSH71KD Datasheet
200Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRG4PSH71KDPBF IRF-IRG4PSH71KDPBF Datasheet
391Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71KDPBF IRF-IRG4PSH71KDPBF Datasheet
396Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71KDPBF IRF-IRG4PSH71KDPBF_15 Datasheet
396Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Similar Description - IRG4PSH71KPBF

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
6 A output current rating
logo
List of Unclassifed Man...
CL-SA-12C-02 ETC1-CL-SA-12C-02 Datasheet
416Kb / 3P
Correspond to rating current 500mA
logo
Major League Electronic...
BLLTSM-2-S MAJOR-LEAGUE-BLLTSM-2-S Datasheet
145Kb / 1P
Current Rating: 2.0 Ampere
logo
Emerson Network Power
SIL10E-05W3V3 EMERSON-NETWORKPOWER-SIL10E-05W3V3 Datasheet
622Kb / 4P
10 A Current rating
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
Current Rating
AWP-34-7240-T ASSMANN-AWP-34-7240-T Datasheet
168Kb / 1P
Current Rating : 3amp
AWP-34-7241-T ASSMANN-AWP-34-7241-T Datasheet
72Kb / 1P
Current Rating : 1Amp
logo
HB Electronic Component...
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
Highest Flux
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com