Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84BXXX Datasheet (PDF) - SEC Electronics Inc.

BZX84BXXX Datasheet PDF - SEC Electronics Inc.
Part # BZX84BXXX
Download  BZX84BXXX Download
File Size   77.0 Kbytes
Page   2 Pages
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.
Description Surface Mount Zener Voltage Regulator Diodes

BZX84BXXX Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84BXXX Datasheet PDF - SEC Electronics Inc.

Part # BZX84BXXX
Download  BZX84BXXX Click to download

File Size   77.0 Kbytes
Page   2 Pages
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.
Description Surface Mount Zener Voltage Regulator Diodes

BZX84BXXX Datasheet (HTML) - SEC Electronics Inc.


BZX84BXXX Product details

FEATURES
• Planar Die Construction
• 300 mW Power Dissipation on FR-5 PCB
• General Purpose, Medium Current
• Ideally Suited for Automated Assembly Process
• Zener Voltages from 2.4V – 39V
• Ultra-Small Surface Mount Package Power Dissipation




Similar Part No. - BZX84BXXX

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84BXXXLT1 ONSEMI-BZX84BXXXLT1 Datasheet
79Kb / 7P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
BZX84BXXXLT1 ONSEMI-BZX84BXXXLT1 Datasheet
79Kb / 7P
Zener Voltage Regulators
October, 2005 ??Rev. 11
BZX84BXXXLT1 ONSEMI-BZX84BXXXLT1 Datasheet
182Kb / 7P
Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
79Kb / 7P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
More results


Similar Description - BZX84BXXX

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com