Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC0661A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0661A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0661A
Download  TC0661A Download
File Size   233.99 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 314.68MHz (SMD 3.0횞3.0mm)

TC0661A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0661A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0661A
Download  TC0661A Click to download

File Size   233.99 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 314.68MHz (SMD 3.0횞3.0mm)

TC0661A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0661A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0660A TAI-SAW-TC0660A Datasheet
241Kb / 6P
SAW Resonator 737.5345MHz (SMD 3.0횞3.0mm)
TC0663A TAI-SAW-TC0663A Datasheet
413Kb / 7P
1568.979 MHz SMD 3.0 x 3.0 mm SAW Resonator
TC0666A TAI-SAW-TC0666A Datasheet
429Kb / 6P
345 MHz SMD 5.0 x 3.5 mm SAW Resonator
TC0667A TAI-SAW-TC0667A Datasheet
465Kb / 6P
SAW Resonator 363.281 MHz SMD 3.8x3.8mm
TC0668A TAI-SAW-TC0668A Datasheet
434Kb / 6P
SAW Resonator 610.658 MHz
More results


Similar Description - TC0661A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0314A TAI-SAW-TA0314A Datasheet
273Kb / 6P
SAW Filter 1150MHz SMD 3.0횞3.0mm
TA0328A TAI-SAW-TA0328A Datasheet
1Mb / 6P
SAW Filter 860.5MHz SMD 3.0횞3.0mm
TC0643A TAI-SAW-TC0643A Datasheet
350Kb / 6P
SAW Resonator 500MHz (SMD 3.0횞3.0mm)
TC0644A TAI-SAW-TC0644A Datasheet
384Kb / 6P
SAW Resonator 1249.6MHz (SMD 3.0횞3.0mm)
TC0645A TAI-SAW-TC0645A Datasheet
384Kb / 6P
SAW Resonator 504MHz (SMD 3.0횞3.0mm)
TC0654A TAI-SAW-TC0654A Datasheet
376Kb / 6P
SAW Resonator 662.475MHz (SMD 3.0횞3.0mm)
TC0655A TAI-SAW-TC0655A Datasheet
384Kb / 6P
SAW Resonator 737.505MHz (SMD 3.0횞3.0mm)
TC0656A TAI-SAW-TC0656A Datasheet
384Kb / 6P
SAW Resonator 689.104MHz (SMD 3.0횞3.0mm)
TC0657A TAI-SAW-TC0657A Datasheet
244Kb / 6P
SAW Resonator 409.641 MHz (SMD 3.0횞3.0mm)
TC0660A TAI-SAW-TC0660A Datasheet
241Kb / 6P
SAW Resonator 737.5345MHz (SMD 3.0횞3.0mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com