Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30KPA30A Datasheet (PDF) - Protek Devices

30KPA30A Datasheet PDF - Protek Devices
Part # 30KPA30A
Download  30KPA30A Download
File Size   81.66 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description POWER TVS COMPONENT

30KPA30A Datasheet (PDF)

Go To PDF Page Download Datasheet
30KPA30A Datasheet PDF - Protek Devices

Part # 30KPA30A
Download  30KPA30A Click to download

File Size   81.66 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description POWER TVS COMPONENT

30KPA30A Datasheet (HTML) - Protek Devices


30KPA30A Product details

Description
The 30KPA Series, are discrete 30,000 Wat, silicon transient voltage suppressors (TVS) designed for use in applicatons where large voltage transients can permanently damage voltage sensitve components and equipment. The 30KPA series is available in voltages ranging from 30V to 360V with 5 percent and 10 percent tolerances. Both tolerances are referenced to the power supply output or operatng voltage level. This series is compatble with IEC 61000-4-5 (Surge) requirements.

Features
• Compatble with IEC 61000-4-5 (Surge): 48A, 8/20µs - L3(Line Ground), L4(Line-Line) & L1 (Power)
• 30,000 Wats Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectonal and Bidirectonal Confguratons
• Easy Mountng to Printed Circuit Board
• tClamping (0V to VBR Min.) < 1 x 10-12 seconds theoretcal (Unidirectonal) and < 5ns (Bidirectonal)
• Available in Multple Voltages Ranging From 30V to 360V
• RoHS Complaint (Exempton #7)

Applications
• Relay Drives
• Motor (Start/Stop) Back EMF Protecton
• Module Lightning Protecton
• Secondary Lightning Protecton for AC/DC




Similar Part No. - 30KPA30A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA30A PROTEC-30KPA30A Datasheet
60Kb / 4P
POWER TVS COMPONENT
logo
Littelfuse
30KPA30A LITTELFUSE-30KPA30A Datasheet
129Kb / 5P
Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
TAITRON Components Inco...
30KPA30A TAITRON-30KPA30A Datasheet
212Kb / 6P
30KW Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
30KPA30A MDE-30KPA30A Datasheet
30Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
30KPA30A LITTELFUSE-30KPA30A Datasheet
138Kb / 5P
Transient Voltage Suppression Diodes
More results


Similar Description - 30KPA30A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
15kW power tvs component
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
30kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
15kW power tvs component
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
30kW power tvs component
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
15kW POWER TVS COMPONENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com