Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-814 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-814 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-814
Download  HCPL-814 Download
File Size   85.2 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description AC Input Phototransistor Optocoupler High Density Mounting Type

HCPL-814 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-814 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-814
Download  HCPL-814 Click to download

File Size   85.2 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description AC Input Phototransistor Optocoupler High Density Mounting Type

HCPL-814 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-814 Product details

Description
The HCPL-814 contains a phototransistor, optically coupled to two light emitting diodes connected inverse parallel. It can operate directly by AC input current. It is packaged in a 4-pin DIP package and available in wide-lead spacing option and lead bend SMD option. Input-output isolation voltage is 5000 Vrms. Response time, tr, is typically 4 µs and minimum CTR is 20% at input current of ± 1 mA.

Features
• AC input response
• High input-output isolation voltage (Viso= 5,000 Vrms)
• Low collector dark current (ICEO: max. 10-7 A at VCE = 20 V)
• Current transfer ratio (CTR: min. 20% at IF = ± 1 mA, VCE = 5 V)
• Response time (tr: typ. 4 µs at VCE = 2 V, IC = 2 mA, RL= 100Ω)
• Compact dual-in-line package
• UL approved
• CSA approved
• IEC/EN/DIN EN 60747-5-2 approved
• Options available:
    – Leads with 0.4" (10.16 mm) spacing (W00)
    – Leads bend for surface mounting (300)
    – Tape and reel for SMD (500)
    – IEC/EN/DIN EN 60747-5-2 approvals (060)

Applications
• Detecting or monitoring AC signals
• AC line/digital logic isolation
• Programmable logic controllers
• AC/DC – input modules




Similar Part No. - HCPL-814

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
AC Input Phototransistor Optocoupler High Density Mounting Type
More results


Similar Description - HCPL-814

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-817 HP-HCPL-817 Datasheet
205Kb / 6P
Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
IS354 ETC1-IS354 Datasheet
790Kb / 6P
HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
Phototransistor Optocoupler High Density Mounting Type
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
AC Input Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
Phototransistor Optocoupler High Density Mounting Type
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
Phototransistor Optocoupler High Density Mounting Type
HCPL-817-36BE AVAGO-HCPL-817-36BE Datasheet
137Kb / 7P
Phototransistor Optocoupler High Density Mounting Type
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com