Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXCPT1040 Datasheet (PDF) - Advanced XTAL Products

AXCPT1040 Datasheet PDF - Advanced XTAL Products
Part # AXCPT1040
Download  AXCPT1040 Download
File Size   178.69 Kbytes
Page   3 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Smallest Miniature Atomic Clock in 45 x 36 mm Package

AXCPT1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXCPT1040 Datasheet PDF - Advanced XTAL Products

Part # AXCPT1040
Download  AXCPT1040 Click to download

File Size   178.69 Kbytes
Page   3 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Smallest Miniature Atomic Clock in 45 x 36 mm Package

AXCPT1040 Datasheet (HTML) - Advanced XTAL Products




Similar Part No. - AXCPT1040

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-051-R IXYS-AXC-051-R Datasheet
136Kb / 4P
ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
Panasonic Semiconductor
AXC51S2150 PANASONIC-AXC51S2150 Datasheet
533Kb / 10P
Automation Controls Catalog
AXC51S4150 PANASONIC-AXC51S4150 Datasheet
533Kb / 10P
Automation Controls Catalog
More results


Similar Description - AXCPT1040

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-5S QUARTZCOM-MCO-5S Datasheet
128Kb / 1P
SMD Clock Oscillator CMOS Sub miniature package: 3.2 x 2.5 x 1.2 mm
MCO-3S QUARTZCOM-MCO-3S Datasheet
126Kb / 1P
SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.3 mm
MCO-3S-HP QUARTZCOM-MCO-3S-HP Datasheet
118Kb / 1P
High precision SMD Clock Oscillator Miniature package: 5.0 x 3.2 x 1.2 mm
MCO-3S-L QUARTZCOM-MCO-3S-L Datasheet
124Kb / 1P
Low power SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.2 mm
logo
PETERMANN-TECHNIK
SMD03025-4 PETERMANN-SMD03025-4 Datasheet
143Kb / 2P
SMALLEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
logo
ILSI America LLC
I405 ILSI-I405 Datasheet
34Kb / 1P
Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
logo
Advanced XTAL Products
AXCS9000 AXTAL-AXCS9000 Datasheet
170Kb / 3P
Optically-pumped Cesium Atomic Clock
2018-11-27
AXRB1031 AXTAL-AXRB1031 Datasheet
180Kb / 3P
Miniature Rubidium Oscillator in 50 x 50 mm Package
logo
Schneider Electric
KDC1H SCHNEIDER-KDC1H Datasheet
112Kb / 2P
operating head 45 x 45 mm - black handle
Feb 10, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com