Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50AC60A Datasheet (PDF) - International Rectifier

50AC60A Datasheet PDF - International Rectifier
Part # 50AC60A
Download  50AC60A Download
File Size   164.24 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 50A POWER TRIACS

50AC60A Datasheet (PDF)

Go To PDF Page Download Datasheet
50AC60A Datasheet PDF - International Rectifier

Part # 50AC60A
Download  50AC60A Click to download

File Size   164.24 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 50A POWER TRIACS

50AC60A Datasheet (HTML) - International Rectifier




Similar Part No. - 50AC60A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
50AC60A NJSEMI-50AC60A Datasheet
70Kb / 1P
Thyrlstors
More results


Similar Description - 50AC60A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5683 MOSPEC-2N5683 Datasheet
185Kb / 4P
POWER TRANSISTORS(50A,300W)
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
logo
Naina Semiconductor ltd...
1N6097 NAINA-1N6097 Datasheet
123Kb / 2P
Schottky Power Diode, 50A
logo
American Zettler, Inc.
AZSR235 AZETTLER-AZSR235 Datasheet
1Mb / 2P
50A (35A) MINIATURE POWER RELAY
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
logo
Rohm
R6050JNZ4 ROHM-R6050JNZ4 Datasheet
2Mb / 14P
Nch 600V 50A Power MOSFET
20190507 - Rev.001
RD3L03BBG ROHM-RD3L03BBG Datasheet
2Mb / 13P
Nch 60V 50A Power MOSFET
20220926 - Rev.002
RD3R05BBH ROHM-RD3R05BBH Datasheet
2Mb / 13P
Nch 150V 50A Power MOSFET
20221109 - Rev.002
RX3R05BBH ROHM-RX3R05BBH Datasheet
2Mb / 13P
Nch 150V 50A Power MOSFET
20221109 - Rev.002
RD3P05BAT ROHM-RD3P05BAT Datasheet
2Mb / 14P
Pch -100V -50A Power MOSFET
20230105 - Rev.002
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com