Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet (PDF) - List of Unclassifed Manufacturers

CS8130 Datasheet PDF - List of Unclassifed Manufacturers
Part # CS8130
Download  CS8130 Download
File Size   292.91 Kbytes
Page   28 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Multi-Standard Infrared Transceiver

CS8130 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8130 Datasheet PDF - List of Unclassifed Manufacturers

Part # CS8130
Download  CS8130 Click to download

File Size   292.91 Kbytes
Page   28 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Multi-Standard Infrared Transceiver

CS8130 Datasheet (HTML) - List of Unclassifed Manufacturers


CS8130 Product details

[Cirrus-Logic]

General Description
The CS8130 is an infrared transceiver integrated circuit. The receive channel includes on-chip high gain PIN diode amplifier, IrDA, HPSIR, ASK & TV remote compatible decoder, and data pulse stretcher. The transmit path includes IrDA, HPSIR, ASK & TV remote compatible encoder, and LED driver. The computer data port is standard UART TxD and RxD compatible, and operates from 1200 to 115200 baud.
External PIN diode and transmit LED are required. A control mode is provided to allow easy UART programming of different modes.
The CS8130 operates from power supplies of +2.7V to +5.5V.

Features
• Adds IR port to standard UART
• IrDA, HPSIR, ASK (CW) & TV remote compatible
• 1200bps to 115kbps data rate
• Programmable Tx LED power
• Programmable Rx threshold level
• Power down modes
• Direct, no modulation, mode
• Tiny 5x7mm 20 pin SSOP package
• +2.7V to +5.5V supply




Similar Part No. - CS8130

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
25Kb / 4P
MULTI STANDARD INFRARED TRANSCEIVER
CS8130 CIRRUS-CS8130 Datasheet
193Kb / 4P
Revision G Addendum
CS8130 CIRRUS-CS8130 Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
CS8130-CS CIRRUS-CS8130-CS Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
CS8130 CIRRUS-CS8130_05 Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
More results


Similar Description - CS8130

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
Low Power Infrared Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
25Kb / 4P
MULTI STANDARD INFRARED TRANSCEIVER
logo
Siemens Semiconductor G...
IRM6000 SIEMENS-IRM6000 Datasheet
68Kb / 3P
INFRARED DATA TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_05 Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
logo
Motorola, Inc
MC13173 MOTOROLA-MC13173 Datasheet
340Kb / 18P
INFRARED TRANSCEIVER
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
22-Oct-2018
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com