Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5238 Datasheet (PDF) - OKI electronic componets

MSM5238 Datasheet PDF - OKI electronic componets
Part # MSM5238
Download  MSM5238 Download
File Size   122.4 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-DOT LCD COMMON DRIVER

MSM5238 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5238 Datasheet PDF - OKI electronic componets

Part # MSM5238
Download  MSM5238 Click to download

File Size   122.4 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-DOT LCD COMMON DRIVER

MSM5238 Datasheet (HTML) - OKI electronic componets


MSM5238 Product details

GENERAL DESCRIPTION
The MSM5238 is a dot matrix LCD common driver LSI which is fabricated using low power CMOS metal gate technology. The scanning signal in one matrix display frame can be divided into up to 1/32 duty. This LSI consists of 32-bit shift register, 32-bit level shifter and 32-bit 4-level driver.
This LSI can drive a variety of LCD panels because the bias voltage, which determines the LCD driving voltage, can be optionally supplied from an external source.

FEATURES
• Supply voltage : 3 to 7V
• LCD driving voltage : 3 to 16V
• Applicable LCD duty : 1/32 to 1/64 (1/64 duty is available when MSM5238s are cascade-connected)
• Bias voltage can be supplied externally.
• Applicable segment driver: MSM5839B/C (40 outputs)
• Package options:
    44-pin plastic QFP (QFP44-P-910-0.80-K) (Product name: MSM5238GS-K)
    44-pin plastic QFP (QFP44-P-910-0.80-L2) (Product name: MSM5238GS-L2)
    44-pin plastic QFP (QFP44-P-910-0.80-2K) (Product name: MSM5238GS-2K)




Similar Part No. - MSM5238

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
ADPCM Voice Analysis/Synthesis IC
MSM5219B OKI-MSM5219B Datasheet
130Kb / 7P
48-DIT STATIC LCD DRIVER
MSM5219BGS OKI-MSM5219BGS Datasheet
130Kb / 7P
48-DIT STATIC LCD DRIVER
MSM5221 OKI-MSM5221 Datasheet
99Kb / 6P
56-DOT STATIC LCD DRIVER
MSM5256 OKI-MSM5256 Datasheet
114Kb / 5P
CMOS IC
More results


Similar Description - MSM5238

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
DOT MATRIX LCD 64 DOT COMMON DRIVER
MSM5298 OKI-MSM5298 Datasheet
171Kb / 9P
DOT MATIX LCD 68 DOT COMMON DRIVER
MSM6262-01 OKI-MSM6262-01 Datasheet
1Mb / 49P
DOT MATRIX LCD CONTROLLER WITH 48 DOT COMMON DRIVER
MSM6262 OKI-MSM6262 Datasheet
383Kb / 52P
DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6B0107 SAMSUNG-S6B0107 Datasheet
226Kb / 23P
64CH COMMON DRIVER FOR DOT MATRIX LCD
logo
Sanyo Semicon Device
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
logo
Samsung semiconductor
KS0105 SAMSUNG-KS0105 Datasheet
101Kb / 8P
32 CH COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com