Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QM18N20D Datasheet (PDF) - uPI Group Inc.

QM18N20D Datasheet PDF - uPI Group Inc.
Part # QM18N20D
Download  QM18N20D Download
File Size   277.53 Kbytes
Page   4 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description N-Ch 200V Fast Switching MOSFETs

QM18N20D Datasheet (PDF)

Go To PDF Page Download Datasheet
QM18N20D Datasheet PDF - uPI Group Inc.

Part # QM18N20D
Download  QM18N20D Click to download

File Size   277.53 Kbytes
Page   4 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description N-Ch 200V Fast Switching MOSFETs

QM18N20D Datasheet (HTML) - uPI Group Inc.




Similar Part No. - QM18N20D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
QM1875C2ER90BB12-01A MURATA1-QM1875C2ER90BB12-01A Datasheet
1Mb / 323P
Ceramic Capacitors(SMD)
Jul.11,2025
More results


Similar Description - QM18N20D

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKD18N20 FETEK-FKD18N20 Datasheet
707Kb / 4P
N-Ch 200V Fast Switching MOSFETs
Ver : A
FKL03N20 FETEK-FKL03N20 Datasheet
642Kb / 5P
N-ch 200V Fast Switching MOSFETs
Ver : A
FKH18N20 FETEK-FKH18N20 Datasheet
457Kb / 4P
N-Ch 200V Fast Switching MOSFETs
Ver : A
FKP18N20 FETEK-FKP18N20 Datasheet
700Kb / 4P
N-Ch 200V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com