Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEC30 Datasheet (PDF) - List of Unclassifed Manufacturers

FEC30 Datasheet PDF - List of Unclassifed Manufacturers
Part # FEC30
Download  FEC30 Download
File Size   155.24 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description FEC30

FEC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
FEC30 Datasheet PDF - List of Unclassifed Manufacturers

Part # FEC30
Download  FEC30 Click to download

File Size   155.24 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description FEC30

FEC30 Datasheet (HTML) - List of Unclassifed Manufacturers


FEC30 Product details

[P-DUKE]

The FEC30 series offer 30 Watts of output power from a 2 x 1.6 x 0.4 inch package. The FEC30 series with 2:1 wide input voltage of 9-18VDC,18-36VDC and 36-75VDC and features 1600VDC of isolation, short-circuit and over-voltage protection,as well as six sided shielding. A safety approval to EN60950-1 and UL60950-1. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications.

• OFFER SINGLE AND DUAL OUTPUT
• 30 WATTS MAXIMUM OUTPUT POWER
• 2:1 WIDE INPUT VOLTAGE RANGE
• INTERNATIONAL SAFETY STANDARD APPROVAL
• SIX-SIDED CONTINUOUS SHIELD
• HIGH EFFICIENCY UP TO 90%
• STANDARD 2” x 1.6” x 0.4” PACKAGE
• FIXED SWITCHING FREQUENCY




Similar Part No. - FEC30

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30-12D12 P-DUKE-FEC30-12D12 Datasheet
343Kb / 3P
30 WATTS MAXIMUM OUTPUT POWER
FEC30-12D12 P-DUKE-FEC30-12D12 Datasheet
334Kb / 3P
30 WATTS DC-DC CONVERTER
FEC30-12D15 P-DUKE-FEC30-12D15 Datasheet
343Kb / 3P
30 WATTS MAXIMUM OUTPUT POWER
FEC30-12D15 P-DUKE-FEC30-12D15 Datasheet
334Kb / 3P
30 WATTS DC-DC CONVERTER
FEC30-12S05 P-DUKE-FEC30-12S05 Datasheet
343Kb / 3P
30 WATTS MAXIMUM OUTPUT POWER
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com