Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF0313 Datasheet (PDF) - Hitachi Semiconductor

PF0313 Datasheet PDF - Hitachi Semiconductor
Part # PF0313
Download  PF0313 Download
File Size   57.16 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for VHF Band

PF0313 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF0313 Datasheet PDF - Hitachi Semiconductor

Part # PF0313
Download  PF0313 Click to download

File Size   57.16 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for VHF Band

PF0313 Datasheet (HTML) - Hitachi Semiconductor


PF0313 Product details

MOS FET Power Amplifier Module for VHF Band



Features

•  Small package: 30 ×10 ×5.9 mm

•  Low operation voltage: 7 W at 7.2 V

•  High efficiency: 55% Typ

•  Low power control current: 0.5 mA Max




Similar Part No. - PF0313

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
MOS FET Power Amplifier Module for VHF Band
logo
KEC(Korea Electronics)
PF0314TE6 KEC-PF0314TE6 Datasheet
432Kb / 1P
EMI Filtering TVS For USB Port
PF0314US6 KEC-PF0314US6 Datasheet
39Kb / 2P
EMI Filtering TVS
More results


Similar Description - PF0313

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK410 HITACHI-2SK410 Datasheet
50Kb / 10P
Silicon N-Channel MOS FET (HF/VHF power amplifier)
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
MOS FET Power Amplifier Module for VHF Band
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
MOS FET Power Amplifier Module for VHF Band
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
MOS FET Power Amplifier Module
logo
Toshiba Semiconductor
S-AV35 TOSHIBA-S-AV35 Datasheet
165Kb / 5P
FM RF POWER AMPLIFIER MODULE for VHF MARINE BAND
logo
Hitachi Semiconductor
PF0341A HITACHI-PF0341A Datasheet
47Kb / 12P
MOS FET Power Amplifier Module for UHF Band
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
MOS FET Power Amplifier Module for Mobile Phone
logo
Toshiba Semiconductor
S-AV34 TOSHIBA-S-AV34 Datasheet
151Kb / 4P
RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AV38 TOSHIBA-S-AV38 Datasheet
216Kb / 4P
RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
2SC2103A TOSHIBA-2SC2103A Datasheet
63Kb / 2P
VHF BAND POWER AMPLIFIER APPLICATIONS.
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com