Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7310KST Datasheet (PDF) - Analog Devices

ADV7310KST Datasheet PDF - Analog Devices
Part # ADV7310KST
Download  ADV7310KST Download
File Size   1099.52 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs

ADV7310KST Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7310KST Datasheet PDF - Analog Devices

Part # ADV7310KST
Download  ADV7310KST Click to download

File Size   1099.52 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs

ADV7310KST Datasheet (HTML) - Analog Devices


ADV7310KST Product details

GENERAL DESCRIPTION

The ADV®7310/ADV7311 is a high speed, digital-to-analog encoder on a single monolithic chip. It includes six high speed NSV video D/A converters with TTL compatible inputs.

The ADV7310/ADV7311 has separate 8-/10-/16-/20-bit input ports that accept data in high definition and/or standard definition video format. For all standards, external horizontal, vertical, and blanking signals or EAV/SAV timing codes control the insertion of appropriate synchronization signals into the digital data stream and therefore the output signal.



FEATURES

High Definition Input Formats

   8-/10-, 16-/20-, 24-/30-Bit (4:2:2, 4:4:4) Parallel YCrCb Compliant with:

      SMPTE 293M (525p)

      BTA T-1004 EDTV2 (525p)

      ITU-R BT.1358 (625p/525p)

      ITU-R BT.1362 (625p/525p)

      SMPTE 274M (1080i) at 30 Hz and 25 Hz

      SMPTE 296M (720p)

      RGB in 3 X 10-Bit 4:4:4 Input Format

   HDTV RGB Supported:

      RGB, RGBHV

      Other High Definition Formats Using Async Timing Mode

   High Definition Output Formats

   YPrPb Progressive Scan (EIA-770.1, EIA-770.2)

   YPrPb HDTV (EIA 770.3)

   RGB, RGBHV

   CGMS-A (720p/1080i)

   Macrovision Rev 1.1 (525p/625p)*

   CGMS-A (525p)

Standard Definition Input Formats

   CCIR-656 4:2:2 8-/10-/16-/20-Bit Parallel Input

Standard Definition Output Formats

   Composite NTSC M/N

   Composite PAL M/N/B/D/G/H/I, PAL-60

   SMPTE 170M NTSC Compatible Composite Video

   ITU-R BT.470 PAL Compatible Composite Video

   S-Video (Y/C)

   EuroScart RGB

   Component YPrPb (Betacam, MII, SMPTE/EBU N10)

   Macrovision Rev 7.1.L1*

      CGMS/WSS

      Closed Captioning



GENERAL FEATURES

Simultaneous SD and HD Inputs and Outputs

Oversampling up to 216 MHz

Programmable DAC Gain Control

Sync Outputs in All Modes

On-Board Voltage Reference

Six 12-Bit NSV Precision Video DACs

2-Wire Serial I2C® Interface

Dual I/O Supply 2.5 V/3.3 V Operation

Analog and Digital Supply 2.5 V

On-Board PLL

64-Lead LQFP Package

Lead (Pb) Free Product



APPLICATIONS

  High End DVD

  High End PS DVD Recorders/Players

  SD/Prog Scan/HDTV Display Devices

  SD/HDTV Set Top Boxes

  Professional Video Systems



 




Similar Part No. - ADV7310KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results


Similar Description - ADV7310KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV.0
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
10/04-Revision 0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
11/04-Revision 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com