Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2648 Datasheet (PDF) - Maxim Integrated Products

MAX2648 Datasheet PDF - Maxim Integrated Products
Part # MAX2648
Download  MAX2648 Download
File Size   146.84 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5GHz to 6GHz Low-Noise Amplifier in 6-Pin UCSP

MAX2648 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2648 Datasheet PDF - Maxim Integrated Products

Part # MAX2648
Download  MAX2648 Click to download

File Size   146.84 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5GHz to 6GHz Low-Noise Amplifier in 6-Pin UCSP

MAX2648 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX2648

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2648 MAXIM-MAX2648 Datasheet
172Kb / 5P
Evaluation Kit
Rev 1; 10/02
MAX2648EVKIT MAXIM-MAX2648EVKIT Datasheet
172Kb / 5P
Evaluation Kit
Rev 1; 10/02
MAX2648 MAXIM-MAX2648_1 Datasheet
172Kb / 5P
Evaluation Kit
Rev 1; 10/02
More results


Similar Description - MAX2648

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX2374 MAXIM-MAX2374 Datasheet
131Kb / 8P
SiGe, Variable IIP3, Low-Noise Amplifier in UCSP Package
Rev 0; 6/00
MAX2649 MAXIM-MAX2649 Datasheet
154Kb / 7P
5GHz Low-Noise Amplifier with Shutdown
Rev 1; 8/03
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Transcom, Inc.
TA020-060-11-10 TRANSCOM-TA020-060-11-10 Datasheet
72Kb / 2P
2 ~ 6GHz 10dBm Low Noise Amplifier
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
6-17GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
6-16GHz Low Noise Amplifier
logo
Infineon Technologies A...
BGA8U1BN6 INFINEON-BGA8U1BN6 Datasheet
303Kb / 11P
Low Noise Amplifier for Ultra High Band 4-6GHz
Revision 3.1 2017-09-14
logo
Guerrilla RF, Inc.
GRF2073W GUERRILLA-GRF2073W Datasheet
1Mb / 24P
Ultra-Low Noise Amplifier 2 to 6 GHz
March 29, 2023
GRF2074W GUERRILLA-GRF2074W Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier 1 to 6 GHz
February 20, 2023
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com