Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5416272 Datasheet (PDF) - OKI electronic componets

MSM5416272 Datasheet PDF - OKI electronic componets
Part # MSM5416272
Download  MSM5416272 Download
File Size   339.52 Kbytes
Page   37 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit Multiport DRAM

MSM5416272 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5416272 Datasheet PDF - OKI electronic componets

Part # MSM5416272
Download  MSM5416272 Click to download

File Size   339.52 Kbytes
Page   37 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit Multiport DRAM

MSM5416272 Datasheet (HTML) - OKI electronic componets


MSM5416272 Product details

DESCRIPTION
The MSM5416272 is a 4-Mbit CMOS multiport DRAM composed of a 262,144-word by 16-bit dynamic RAM, and a 512-word by 16-bit SAM. Its RAM and SAM operate independently and asynchronously.

FEATURES
• Single power supply: 5 V ±10%
• Full TTL compatibility
• Multiport organization
    RAM : 256K word x 16 bits
    SAM : 512 word x 16 bits
• Fast page mode
• Write per bit
• Byte read/write
• Masked flash write
• Masked block write (8 columns)
• RAS only refresh
• CAS before RAS refresh
• Hidden refresh
• Serial read/write
• 512 tap location
• Bidirectional data transfer
• Split transfer
• Masked write transfer
• Refresh: 512 cycles/8 ms
• Package:
    64-pin 525 mil plastic SSOP (SSOP64-P-525-0.80-K) (Product : MSM5416272-xxGS-K)
                                                                                                         xx indicates speed rank.




Similar Part No. - MSM5416272

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416273 OKI-MSM5416273 Datasheet
391Kb / 40P
262,144-Word x 16-Bit Multiport DRAM
More results


Similar Description - MSM5416272

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
262,144-Word x 16-Bit Multiport DRAM
MSM5416273 OKI-MSM5416273 Datasheet
391Kb / 40P
262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
MSM5416283 OKI-MSM5416283 Datasheet
391Kb / 40P
262,144-Word x 16-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
262,144-Word x 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
262,144-Word x 16-Bit Multiport DRAM
MSM54V16273 OKI-MSM54V16273 Datasheet
389Kb / 42P
262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
262,144-Word x 16-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
262,144-Word x 16-Bit Multiport DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com