Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1875 Datasheet (PDF) - Unisonic Technologies

LM1875 Datasheet PDF - Unisonic Technologies
Part # LM1875
Download  LM1875 Download
File Size   150.45 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20W AUDIO POWER AMPLIFIER

LM1875 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1875 Datasheet PDF - Unisonic Technologies

Part # LM1875
Download  LM1875 Click to download

File Size   150.45 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20W AUDIO POWER AMPLIFIER

LM1875 Datasheet (HTML) - Unisonic Technologies


LM1875 Product details

DESCRIPTION

The UTC LM1875 is a monolithic power amplifier offering very low distortion and high quality performance for consumer audio applications. It delivers 20W into a 4Ωor 8Ωload on ±25V supplies. Using an 8Ωload and +30V supplies, over 30W of power may be delivered. The amplifier is designed to operate with a minimum of external components. Device overload protection consists of both internal current limitand thermal shutdown.



FEATURES

*Up to 30W output power

*Avo typically 90 dB

*Low distortion: 0.015%,1kHz,20W

*Wide power bandwidth: 70kHz

*Protection for AC and DC short circuits to ground

*Thermal protection with parole circuit

*High current capability: 4A

*Wide supply range 16V-60V

*Internal output protection diodes

*94 dB ripple rejection



APPLICATIONS

*High performance audio systems

*Bridge amplifiers

*Stereo phonographs

*Servo amplifiers

*Instrument systems




Similar Part No. - LM1875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
20W Audio Power Amplifier
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
20W Audio Power Amplifier
MAY 2004
LM1875 TI-LM1875 Datasheet
3Mb / 16P
20W Audio Power Amplifier
MAY 2004
logo
Unisonic Technologies
LM1875-TA5-T UTC-LM1875-TA5-T Datasheet
149Kb / 7P
20W AUDIO POWER AMPLIFIER
LM1875-TA5-T UTC-LM1875-TA5-T Datasheet
154Kb / 7P
20W AUDIO POWER AMPLIFIER
More results


Similar Description - LM1875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
20W Audio Power Amplifier
logo
NTE Electronics
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
logo
Hitachi Semiconductor
HA1397 HITACHI-HA1397 Datasheet
570Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM1875 UTC-LM1875_05 Datasheet
149Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
Integrated Circuit Audio Power Amplifier, 20W
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
logo
Texas Instruments
LM1875T TI1-LM1875T Datasheet
3Mb / 16P
LM1875 20W Audio Power Amplifier
logo
Unisonic Technologies
LM1875 UTC-LM1875_15 Datasheet
154Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
20W Audio Power Amplifier
MAY 2004
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com