Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-50TPS12LHM3 Datasheet (PDF) - Vishay Siliconix

VS-50TPS12LHM3 Datasheet PDF - Vishay Siliconix
Part # VS-50TPS12LHM3
Download  VS-50TPS12LHM3 Download
File Size   137.75 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thyristor High Voltage, Phase Control SCR, 50 A

VS-50TPS12LHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-50TPS12LHM3 Datasheet PDF - Vishay Siliconix

Part # VS-50TPS12LHM3
Download  VS-50TPS12LHM3 Click to download

File Size   137.75 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thyristor High Voltage, Phase Control SCR, 50 A

VS-50TPS12LHM3 Datasheet (HTML) - Vishay Siliconix


VS-50TPS12LHM3 Product details

• AEC-Q101 qualified, meets JESD 201
class 1A whisker test
• Flexible solution for reliable AC power
rectification
• Easy control peak current at charger power
up to reduce passive / electromechanical components




Similar Part No. - VS-50TPS12LHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50TPS12LHM3 VISHAY-VS-50TPS12LHM3 Datasheet
171Kb / 7P
Thyristor High Voltage, Phase Control SCR, 50 A
27-Jul-2018
VS-50TPS12LHM3 VISHAY-VS-50TPS12LHM3_V01 Datasheet
171Kb / 7P
Thyristor High Voltage, Phase Control SCR, 50 A
27-Jul-2018
More results


Similar Description - VS-50TPS12LHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10TTS08PBF VISHAY-VS-10TTS08PBF Datasheet
191Kb / 7P
Thyristor High Voltage, Phase Control SCR, 10 A
23-Aug-11
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
18-Jun-13
VS-50TPS12L-M3 VISHAY-VS-50TPS12L-M3 Datasheet
142Kb / 6P
Thyristor High Voltage, Phase Control SCR, 50 A
04-Oct-16
VS-30TPS16L-M3 VISHAY-VS-30TPS16L-M3 Datasheet
183Kb / 7P
Thyristor High Voltage, Phase Control SCR, 30 A
31-Jul-2018
VS-50TPS12AL-M3 VISHAY-VS-50TPS12AL-M3 Datasheet
163Kb / 7P
Thyristor High Voltage, Phase Control SCR, 50 A
27-Nov-2019
VS-40TPS16L-M3 VISHAY-VS-40TPS16L-M3 Datasheet
177Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
31-Jul-2018
VS-40TPS12L-M3 VISHAY-VS-40TPS12L-M3 Datasheet
203Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
31-Jul-2018
VS-40TPS12L-M3 VISHAY-VS-40TPS12L-M3_V01 Datasheet
204Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
31-Jul-2018
VS-50TPS12L-M3 VISHAY-VS-50TPS12L-M3_V01 Datasheet
175Kb / 7P
Thyristor High Voltage, Phase Control SCR, 50 A
10-Aug-2018
VS-50TPS12LHM3 VISHAY-VS-50TPS12LHM3_V01 Datasheet
171Kb / 7P
Thyristor High Voltage, Phase Control SCR, 50 A
27-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com