Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-01A-201-C2-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-01A-201-C2-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-01A-201-C2-R0
Download  ATS-01A-201-C2-R0 Download
File Size   162.16 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766

ATS-01A-201-C2-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-01A-201-C2-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-01A-201-C2-R0
Download  ATS-01A-201-C2-R0 Click to download

File Size   162.16 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766

ATS-01A-201-C2-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-01A-201-C2-R0 Product details

Quick Attachment – Push pins feature a flexible barb at the end designed to
engage with pre-drilled holes in a PCB.
»
Compression Springs add the necessary force to hold the assembly together
for secure attachment. Select from over 21 different springs to achieve
precise force required.
»
Push Pin Material available in brass or plastic in 10 sizes ranging from 9-
20mm in length. Stainless steel hardware kit available for more secure
attachment. Visit www.qats.com for available options.
»
Heat Sinks Designed for All Airflow Conditions. Select from over 112 fine
pitch HS designed for high velocity air flows and 98 course pitch HS
designed for low velocity air flow conditions.
»
Pre-assembled with phase-changing material for increased thermal
performance. Double-sided thermal tape and no TIM options available to
meet application-specific requirements.
»
Lightweight, aluminum HS extruded from AL6063 provide optimal heat
transfer with a blue anodized finish.
»
» All components are RoHS and REACH compliant.
» Industry standard hole pattern. Recommended through hole size is 3.175mm




Similar Part No. - ATS-01A-201-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-01A-201-C1-R0 ATS2-ATS-01A-201-C1-R0 Datasheet
161Kb / 1P
pushPIN™ HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,NO TIM
ATS-01A-201-C3-R0 ATS2-ATS-01A-201-C3-R0 Datasheet
161Kb / 1P
pushPIN™ HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T412
More results


Similar Description - ATS-01A-201-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-06E-119-C2-R0 ATS-ATS-06E-119-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-08D-119-C2-R0 ATS-ATS-08D-119-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-17C-119-C2-R0 ATS-ATS-17C-119-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-15C-119-C2-R0 ATS-ATS-15C-119-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-19D-119-C2-R0 ATS-ATS-19D-119-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-19D-199-C2-R0 ATS-ATS-19D-199-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-19E-118-C2-R0 ATS-ATS-19E-118-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-19D-118-C2-R0 ATS-ATS-19D-118-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-20B-118-C2-R0 ATS-ATS-20B-118-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
ATS-20B-119-C2-R0 ATS-ATS-20B-119-C2-R0 Datasheet
162Kb / 1P
pushPIN HS ASMBLY,COARSE-PITCH,XCUT, HOLE PATTERN:4-CORNER,BLUE,T766
R2-0917
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com